Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805HT-R10T_L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0805HT-R10T_L
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805HT-R10T_L Datasheet(HTML) 1 Page - Coilcraft lnc.

  0805HT-R10T_L Datasheet HTML 1Page - Coilcraft lnc. 0805HT-R10T_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors–0805HT Series (2012)
Document 168-1
Document 168-1
Revised 10/06/08
At just 0.035
″ high, these are one of our lowest profile
surface mount inductors. Their wire wound ceramic
design provides tight tolerances, exceptional Q and
high SRF values.
Inductance2
Percent
SRF min5
DCR max6
Irms7
Color
Part number1
(nH)
tolerance3
Q min4
(MHz)
(Ohms)
(mA)
Code
0805HT-1N8TJL_
1.8 @ 250 MHz
5
55 @ 1500 MHz
9400
0.030
800
Black
0805HT-2N0TJL_
2.0 @ 250 MHz
5
55 @ 1500 MHz
11500
0.018
800
Violet
0805HT-3N9TJL_
3.9 @ 250 MHz
5
50 @ 1000 MHz
6100
0.055
800
Brown
0805HT-4N3TJL_
4.3 @ 250 MHz
5
80 @ 1000 MHz
6364
0.030
800
White
0805HT-4N7TJL_
4.7 @ 250 MHz
5
50 @ 1000 MHz
5500
0.060
800
Red
0805HT-5N1TJL_
5.1 @ 250 MHz
5
45 @ 1000 MHz
6100
0.069
800
Blue
0805HT-5N6TJL_
5.6 @ 250 MHz
5
45 @ 1000 MHz
5800
0.091
800
Gray
0805HT-6N8TJL_
6.8 @ 250 MHz
5
50 @ 1000 MHz
4800
0.080
800
Orange
0805HT-7N5TJL_
7.5 @ 250 MHz
5
47 @ 1000 MHz
4600
0.082
800
Black
0805HT-8N2TJL_
8.2 @ 250 MHz
5
50 @ 1000 MHz
4800
0.080
800
Yellow
0805HT-9N1TJL_
9.1 @ 250 MHz
5
54 @ 1000 MHz
3900
0.105
800
Red
0805HT-10NT_L_
10 @ 250 MHz
5,2
55 @ 750 MHz
3300
0.080
800
Green
0805HT-12NT_L_
12 @ 250 MHz
5,2
55 @ 750 MHz
3800
0.10
800
Blue
0805HT-15NT_L_
15 @ 250 MHz
5,2
50 @ 500 MHz
2950
0.10
800
Violet
0805HT-18NT_L_
18 @ 250 MHz
5,2
50 @ 500 MHz
3100
0.13
800
Gray
0805HT-20NT_L_
20 @ 250 MHz
5,2
50 @ 500 MHz
2700
0.17
800
Yellow
0805HT-22NT_L_
22 @ 250 MHz
5,2
50 @ 500 MHz
2900
0.15
800
White
0805HT-27NT_L_
27 @ 250 MHz
5,2
50 @ 500 MHz
2450
0.19
700
Black
0805HT-33NT_L_
33 @ 250 MHz
5,2
55 @ 500 MHz
2350
0.19
600
Brown
0805HT-39NT_L_
39 @ 250 MHz
5,2,1
55 @ 500 MHz
2200
0.27
600
Red
0805HT-47NT_L_
47 @ 200 MHz
5,2,1
50 @ 500 MHz
2000
0.30
600
Orange
0805HT-56NT_L_
56 @ 200 MHz
5,2,1
50 @ 500 MHz
1850
0.39
500
Yellow
0805HT-68NT_L_
68 @ 200 MHz
5,2,1
50 @ 500 MHz
1500
0.40
500
Green
0805HT-82NT_L_
82 @ 150 MHz
5,2,1
50 @ 500 MHz
1500
0.44
500
Blue
0805HT-R10T_L_
100 @ 150 MHz
5,2
50 @ 500 MHz
1200
0.64
400
Violet
0805HT-R12T_L_
120 @ 150 MHz
5,2
40 @ 250 MHz
1150
0.68
300
Gray
0805HT-R15T_L_
150 @ 150 MHz
5,2
40 @ 250 MHz
1050
0.80
300
White
0805HT-R18T_L_
180 @ 150 MHz
5,2
40 @ 250 MHz
830
0.86
300
Black
0805HT-R22T_L_
220 @ 150 MHz
5,2
39 @ 150 MHz
820
1.29
200
Orange
0805HT-R27T_L_
270 @ 150 MHz
5,2
33 @ 150 MHz
790
1.40
200
Yellow
0805HT-R33T_L_
330 @ 150 MHz
5,2
32 @ 150 MHz
730
1.93
200
Green
0805HT-R39T_L_
390 @ 100 MHz
5,2
30 @ 150 MHz
675
2.80
200
Blue
0805HT-R47T_L_
470 @ 100 MHz
5,2
30 @ 150 MHz
610
3.10
200
Violet
0805HT-R50T_L_
500 @ 50 MHz
5,2
20 @ 50 MHz
585
3.20
200
Gray
Coilcraft Designer’s Kit C321 contains samples of all
5% parts shown as stocked. To order, contact Coil-
craft or visit http://order.coilcraft.com to purchase
on-line.
1. When ordering, specify tolerance, termination and packaging codes:
0805HT-R22T
GLC
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Tolerance:
F =1%
G = 2%
J = 5%
(Table shows stock tolerances in bold.)
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP
4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture and on an Agilent/HP 8753D with a Coilcraft SMD-D test fixture.
5. SRF measured using an Agilent/HP 8720D network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF858 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - 0805HT-R10T_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805HT-R10TGLC COILCRAFT-0805HT-R10TGLC Datasheet
148Kb / 2P
Chip Inductors - 0805HT (2012)
More results

Similar Description - 0805HT-R10T_L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com