Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805HT-R10T_L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0805HT-R10T_L
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805HT-R10T_L Datasheet(HTML) 2 Page - Coilcraft lnc.

  0805HT-R10T_L Datasheet HTML 1Page - Coilcraft lnc. 0805HT-R10T_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
0805HT Series (2012)
Specifications subject to change without notice.
Please check our website for latest information.
Document 168-2
Document 168-2
Revised 10/06/08
Typical Q vs Frequency
Typical L vs Frequency
120
100
60
80
20
40
10
100
Frequency (MHz)
1000
10000
0
3.9 nH
39 nH
12 nH
22 nH
120 nH
1
10
0
100
Frequency (MHz)
1000
10000
200
150
100
50
3.9 nH
18 nH
33 nH
82 nH
150 nH
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
Terminal wraparound:
approx 0.010/0,25 both ends
Recommended
Land Pattern
AB
C
max
max
max
E
F
G
H
I
J
0.085 0.060 0.035 0.050 0.017 0.045 0.070 0.040 0.030
inches
2,16
1,52
0,89
1,27
0,43
1,14
1,78
1,02
0,76
mm
Irms Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C321 contains samples of all 5% tolerance parts
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 6.0 – 6.9 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″reel; 7500 per 13″ reel;
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
0.9 mm pocket depth
PCB washing Only pure water or alcohol recommended



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com