Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57220K Datasheet(PDF) 2 Page - EPCOS

Part # B57220K
Description  NTC thermistors for temperature measurement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57220K Datasheet(HTML) 2 Page - EPCOS

  B57220K Datasheet HTML 1Page - EPCOS B57220K Datasheet HTML 2Page - EPCOS B57220K Datasheet HTML 3Page - EPCOS B57220K Datasheet HTML 4Page - EPCOS B57220K Datasheet HTML 5Page - EPCOS B57220K Datasheet HTML 6Page - EPCOS B57220K Datasheet HTML 7Page - EPCOS B57220K Datasheet HTML 8Page - EPCOS B57220K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1) Depends on mounting situation
Applications
Temperature measurement and
compensation
Features
Front surfaces silver-plated
For clamp contacting
UL approval (E69802)
Options
Alternative resistance ratings, rated
temperatures and resistance tolerances
available on request.
Delivery mode
Bulk
Dimensional drawing
∅d = 2.9 ±0.3 mm
th = 1.3
±0.3 mm
Approx. weight 50 mg
General technical data
Climatic category
(IEC 60068-1)
55/250/21
Max. power
(at 25
°C)
P25
180
mW
Resistance tolerance
∆R
R/RR
±5
%
Rated temperature
TR
20
°C
Dissipation factor
(in air)
δ
th
1)
approx. 2.5
mW/K
Thermal cooling time constant
(in air)
τ
c
1)
approx. 12
s
Heat capacity
Cth1)
approx. 30
mJ/K
Electrical specification and ordering codes
R20
Ω
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
2.5 k
2056.9
1008
3560
±1.5%
B57220K0212A003
Temperature measurement and compensation
B57220K
Leadless NTCs
K220
Page 2 of 12
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com