Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57220K Datasheet(PDF) 6 Page - EPCOS

Part # B57220K
Description  NTC thermistors for temperature measurement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57220K Datasheet(HTML) 6 Page - EPCOS

Back Button B57220K Datasheet HTML 2Page - EPCOS B57220K Datasheet HTML 3Page - EPCOS B57220K Datasheet HTML 4Page - EPCOS B57220K Datasheet HTML 5Page - EPCOS B57220K Datasheet HTML 6Page - EPCOS B57220K Datasheet HTML 7Page - EPCOS B57220K Datasheet HTML 8Page - EPCOS B57220K Datasheet HTML 9Page - EPCOS B57220K Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Bending strength: Test Ub:
Two 90
°-bends in opposite directions at a weight of 0.25 kg.
Torsional strength: Test Uc: severity 2
The lead is bent by 90
° at a distance of 6 to 6.5 mm from the thermistor body.
The bending radius of the leads should be approx. 0.75 mm. Two torsions of
180
° each (severity 2).
When subjecting leads to mechanical stress, the following should be observed:
Tensile stress on leads
During mounting and operation tensile forces on the leads are to be avoided.
Bending of leads
Bending of the leads directly on the thermistor body is not permissible.
A lead may be bent at a minimum distance of twice the wire's diameter +2 mm from the solder
joint on the thermistor body. During bending the wire must be mechanically relieved at its outlet.
The bending radius should be at least 0.75 mm.
Twisting of leads
The twisting (torsion) by 180
° of a lead bent by 90° is permissible at 6 mm from the bottom of the
thermistor body.
4
Sealing and potting
When thermistors are sealed, potted or overmolded, there must be no mechanical stress caused
by thermal expansion during the production process (curing / overmolding process) and during
later operation. The upper category temperature of the thermistor must not be exceeded. Ensure
that the materials used (sealing / potting compound and plastic material) are chemically neutral.
5
Cleaning
If cleaning is necessary, mild cleaning agents such as ethyl alcohol and cleaning gasoline are
recommended. Cleaning agents based on water are not allowed. Ultrasonic cleaning methods are
permissible.
6
Storage
In order to maintain their solderability, thermistors must be stored in a non-corrosive atmosphere.
Humidity, temperature and container materials are critical factors.
Do not store SMDs where they are exposed to heat or direct sunlight. Otherwise, the packing ma-
terial may be deformed or SMDs may stick together, causing problems during mounting. After
opening the factory seals, such as polyvinyl-sealed packages, use the SMDs as soon as possible.
Temperature measurement and compensation
B57220K
Leadless NTCs
K220
Page 6 of 12
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com