Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65879B Datasheet(PDF) 3 Page - EPCOS

Part # B65879B
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65879B Datasheet(HTML) 3 Page - EPCOS

  B65879B Datasheet HTML 1Page - EPCOS B65879B Datasheet HTML 2Page - EPCOS B65879B Datasheet HTML 3Page - EPCOS B65879B Datasheet HTML 4Page - EPCOS B65879B Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PQ 32/30
Coil former
B65880E
Preliminary data
SMP IN FER D PD
2008-0
9-17
Page
3 of 5
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085 :
H=max.operating temperature 180°C), color code black
Sumikon PM9820 [
E41429(M)], SUMITOMO BAKELITE CO LTD
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235°C, 2 s
Resistance to soldering heat: to IEC 68-2-20, test Tb, method 1B: 350°C, 3,5 s
Sections
AN
mm²
lN
mm
AR value
µ
Terminals Ordering code
1
104
62
21
12
B65880E2012
D001



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com