Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65879B Datasheet(PDF) 4 Page - EPCOS

Part # B65879B
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65879B Datasheet(HTML) 4 Page - EPCOS

  B65879B Datasheet HTML 1Page - EPCOS B65879B Datasheet HTML 2Page - EPCOS B65879B Datasheet HTML 3Page - EPCOS B65879B Datasheet HTML 4Page - EPCOS B65879B Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PQ cores
B65879B
PQ 32/30
KA IN FER D PD
2008-04-14
Please read Cautions and warnings and
Page 3 of 4
Important notes at the end of this document.
Cautions and warnings
Mechanical stress and mounting
Ferrite cores have to meet mechanical requirements during assembling and for a growing number of
applications. Since ferrites are ceramic materials one has to be aware of the special behavior under
mechanical load.
As valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or
tensile load. Especially high cooling rates under ultrasonic cleaning and high static or cyclic loads can
cause cracks or failure of the ferrite cores.
For detailed information see Data Book 2007, chapter “General – Definitions, 8.1”.
Effects of core combination on AL value
Stresses in the core affect not only the mechanical but also the magnetic properties. It is apparent
that the initial permeability is dependent on the stress state of the core. The higher the stresses are in
the core, the lower is the value for the initial permeability. Thus the embedding medium should have
the greatest possible elasticity.
For detailed information see Data Book 2007, chapter “General – Definitions, 8.2”.
Heating up
Ferrites can run hot during operation at higher flux densities and higher frequencies.
NiZn-materials
The magnetic properties of NiZn-materials can change irreversible in high magnetic fields.
Processing notes
–
The start of the winding process should be soft. Else the flanges may be destroyed.
–
To strong winding forces may blast the flanges or squeeze the tube that the cores can no more be
mount.
–
To long soldering time at high temperature (>300 °C) may effect coplanarity or pin arrangement.
–
Not following the processing notes for soldering of the J-leg terminals may cause solderability
problems at the transformer because of pollution with Sn oxide of the tin bath or burned insulation
of the wire. For detailed information see Data Book 2007, chapter “Processing notes, 2.2”.
–
The dimensions of the hole arrangement have fixed values and should be understood as a
recommendation for drilling the printed circuit board. For dimensioning the pins, the group of holes
can only be seen under certain conditions, as they fit into the given hole arrangement. To avoid
problems when mounting the transformer, the manufacturing tolerances for positioning the
customers’ drilling process must be considered by increasing the hole diameter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com