Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCCO2A150F2B Datasheet(PDF) 2 Page - SAMWHA ELECTRIC

Part # SCCO2A150F2B
Description  Surface Mount Disc Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SCCO2A150F2B Datasheet(HTML) 2 Page - SAMWHA ELECTRIC

  SCCO2A150F2B Datasheet HTML 1Page - SAMWHA ELECTRIC SCCO2A150F2B Datasheet HTML 2Page - SAMWHA ELECTRIC SCCO2A150F2B Datasheet HTML 3Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SAMWHA CAPACITOR Co., Ltd.
136
Surface Mount Disc Capacitors 137
Surface Mount Disc Capacitors
Electrical Performance
No.
Item
Requirement
Test Conditions
R.V
3kV
4kV~
W.V
R.V × 1.75
R.V × 1.5
Operating
Temperature
Range
Capacitance
Dissipation Factor
(tan δ,Q)
Capacitance
temperature
Characteristics
6
2
3
Insulation
resistance
More than 10000MΩ
No remarkable abnormality is recognized
4
Dielectric
Withstanding
Voltage
5
1
- Temperature : 20±2℃
- Frequency : 1±0.1MHz(SCC Type)
1±0.1KHz
(SCK,SCG,SSC,SSD Type)
- Relative Humidity : 60~70%
- Measure voltage : 1±0.1Vrms
- Applied Voltage :
To be below 500V - Rating Voltage
Above 500V - 500V
- Charge Time : 60±5sec
- Testing Voltage
-25℃ ~ 110℃
B.E : -25℃ ~ +85℃
F : +10℃ ~ +65℃
Within the specified range
Q ≥ 400+20C
B,E : 2.5% Max.
(C : capacitance, pF)
F
: 5.0% Max.
Based on Items 2.2. 12 of EIA RS-198-C
SCC Type
SCK, SCG, SSC, SSD Type
For 1 to 5 sec.(Between terminals)
The discharge current, however was
50 mA or less
Temperature and Humity Test Characteristics
No.
Item
Requirement
Test Conditions
High
Temperature
Test
Appearance
Capacitance
Change
More than 2000MΩ
1
- Temperature : 85±2℃
- Test voltage : 1.2 times of the rated voltage
- Operating time of test : 1000 +48,/ -0 hours
After testing, The capacitor shall be subjected
to the standard test condition for a period 4~24
hours and shall be measured. Charge and
discharge current shall be 50 mA or less.
※Standard test condition :
-Temperature : 20±2℃
- Frequency : 1± 0.1MHz(SCC Type)
1± 0.1KHz
(SCK, SCG, SSC, SSD Type)
- Relative Humidity : 60 ~ 70%
- Measure voltage : 1± 0.1Vrms
No. visible damage
±5% or ±0.5 pF
B : With ± 10%
Whichever is larger
E : With ± 20%
from initial measurement
F : With ± 30%
Dissipation
Factor
(tan δ,Q)
I.R
Q ≥ 200
B,E : 5% Max.
F : 7.5% Max.
SCC Type
SCK, SCG, SSC, SSD Type
Humidity
Resistance
Test
Appearance
Capacitance
Change
More than 500MΩ
2
- Temperature : 40±2℃
- Relative Humidity : 90~95% R.H
- Operating time of test : 500 +24, -0 hours
After testing, The capacitor shall be subjected
to the standard test condition for a period 4~24
hours and shall be measured. Charge and
discharge current shall be 50 mA or less.
※Standard test condition :
-Temperature : 20±2℃
- Frequency : 1± 0.1MHz(SCC Type)
1± 0.1KHz
(SCK, SCG, SSC, SSD Type)
- Relative Humidity : 60 ~ 70%
- Measure voltage : 1± 0.1Vrms
No. visible damage
±5% or ±0.5 pF
B : With ± 10%
Whichever is larger
E : With ± 20%
from initial measurement
F : With ± 30%
Dissipation
Factor
(tan δ,Q)
I.R
Q ≥ 200
B,E : 5% Max.
F
: 7.5% Max.
Temperature
Cycle
Test
Appearance
Capacitance
Change
More than 1000MΩ
3
- The capacitors shall be subjected to 5cycles
of the temperature cycle under Table.
After testing, The capacitor shall be subjected
to the standard test condition for a period 4~24
hours and shall be measured. Charge and
discharge current shall be 50 mA or less.
※Standard test condition :
-Temperature : 20±2℃
- Frequency : 1± 0.1MHz(SCC Type)
1± 0.1KHz
(SCK, SCG, SSC, SSD Type)
- Relative Humidity : 60 ~ 70%
- Measure voltage : 1± 0.1Vrms
No. visible damage
±5% or ±0.5 pF
B : With ± 10%
Whichever is larger
E : With ± 20%
from initial measurement
F : With ± 30%
Dissipation
Factor
(tan δ,Q)
I.R
Q ≥ 200
B,E : 5% Max.
F
: 7.5% Max.
Step.
Temperature(
℃)
Period(minutes)
1
-25, +0/-3
30
2
Standard test condition
10~15
3
+85, +0/-3
30
4
Standard test condition
10~15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com