Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCCO2A150F2B Datasheet(PDF) 3 Page - SAMWHA ELECTRIC

Part # SCCO2A150F2B
Description  Surface Mount Disc Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SCCO2A150F2B Datasheet(HTML) 3 Page - SAMWHA ELECTRIC

  SCCO2A150F2B Datasheet HTML 1Page - SAMWHA ELECTRIC SCCO2A150F2B Datasheet HTML 2Page - SAMWHA ELECTRIC SCCO2A150F2B Datasheet HTML 3Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SAMWHA CAPACITOR Co., Ltd.
138
Ceramic Type
Appendix
SMD Type Packing
140
CHIP B/I Packing
142
SMDC Packing
144
Mechanical test and Environmental Substance
No.
Item
Requirement
Test Conditions
Adhesive Strength of
Terminal
1
Solder the capacitor to the testing jig (glass epoxy
board) shown in Fig. 2 using a eutectic solder. Then
apply 5 N force in the direction of the arrow. The
soldering should be used the reflow method and
should be conducted with care so that the soldering is
uniform and free of defects such as heat shock.
No removal of the termination or other
defect should occur.
SCC Type
SCK, SCG, SSC,
SSD Type
Vibration
Resistance
Appearance
Capacitance
Change
More than 1000MΩ
2
The capacitor should be subjected to a simple
harmonic motion having a total amplitude of 1.5mm,
the frequency being varied uniformly between the
approximate limits of 10 and 55Hz. The frequency
range, from 10 to 55Hz and return to 10Hz, should be
traversed in approximately 1 min. This motion should
be applied for a period of 2hrs. in each 3mutually
perpendicular directions (total of 6hrs.)
No. visible damage
±5% or ±0.5 pF
B : With ± 10%
Whichever is larger
E : With ± 20%
from initial measurement
F : With ± 30%
Dissipation
Factor (tan δ,Q)
I.R
Q ≥ 200
B,E : 5% Max.
F
: 7.5% Max.
Fig.2
Fig.4
Bending
Strength
Appearance
Capacitance
Change
3
Solder the capacitor to the testing jig (glass epoxy
board) shown in Fig. 3 using a eutectic solder.
Then apply a force in the direction shown in Fig. 4.
The soldering should be done either with an iron or
using the reflow method and should be conducted
with care so that the soldering is uniform and free of
defects such as heat shock.
No. visible damage
±5% or ±0.5 pF
B : With ± 10%
Whichever is larger
E : With ± 20%
from initial measurement
F : With ± 30%
Solder
Heat
Resistance
Appearance
Capacitance
Change
Dielectric
Strength
5
No. visible damage
±5% or ±0.5 pF
B : With ± 5%
Whichever is larger
E : With ± 15%
from initial measurement
F : With ± 20%
No. Failure
Fig.3
Solderability Test
4
The regulation of
environmental pollution
materials.
6
Soldering Method : Reflow Soldering
- Maximum Temperature : 250℃ max.
(245± 5℃, 5± 0.5 sec.)
- Preheating Temperature : 150~180℃, 60~180 sec.
Soldering Method : Reflow Soldering
- Maximum Temperature : 250℃ max.
(245± 5℃, 5± 0.5 sec.)
- Preheating Temperature : 150~180℃, 60~180 sec.
- After testing, The capacitors shall be subjected to the
standard test condition for a period 24 hours and shall
be measured.
Visual examination terminals area shall
be at least 90% covered with a new
solder coating
※ Never use materials mentioned below in high voltage products regulated this document.
※ Pb, Hg, Cr+6, PBB, PBDE : 100ppm, Cd : 5ppm
※ Exception : - Pb of solder : <1000ppm
- Pb of ceramic(dielectric)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com