Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH160810NJL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MH160810NJL
Description  MULTILAYER CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH160810NJL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MH160810NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ⅵ﹒
ELECTRICAL CHARACTERISITCS:
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 2
PROD.
NAME
MULTILAYER CHIP INDUCTOR
1). □:Packaging Information… A:Bulk B:Taping Reel
68.0 ± 5%
MH160868NJL□
MH160882NJL□
MH1608R10JL□
MH1608R12JL□
100.0 ± 5%
120.0 ± 5%
82.0 ± 5%
2.7 ± 0.3
MH16082N7DL□
MH16083N3DL□
MH16083N9DL□
MH16084N7DL□
MH16085N6DL□
MH16086N8JL□
MH16088N2JL□
MH160810NJL□
MH160812NJL□
MH160815NJL□
MH160818NJL□
MH160822NJL□
MH160827NJL□
MH160833NJL□
MH160839NJL□
MH160847NJL□
MH160856NJL□
15.0 ± 5%
33.0 ± 5%
47.0 ± 5%
56.0 ± 5%
39.0 ± 5%
22.0 ± 5%
27.0 ± 5%
18.0 ± 5%
5.6 ± 0.3
10.0 ± 5%
12.0 ± 5%
6.8 ± 5%
8.2 ± 5%
3.9 ± 0.3
4.7 ± 0.3
3.3 ± 0.3
MH16081N2DL□
MH16081N5DL□
MH16081N8DL□
MH16081N0DL□
MH16082N2DL□
DWG No.
1.2 ± 0.3
1.8 ± 0.3
2.2 ± 0.3
1.5 ± 0.3
( nH )
1.0 ± 0.3
Inductance
1.20
100
12
1000
12
8
12
100
50
100
750
700
850
2.00
2.30
1.80
300
0.20
100
88600
6300
2100
1600
2000
2100
3800
2900
3200
3700
4500
4600
5400
6500
1500
1200
1100
100
8
10
12
12
10
10
10
10
100
100
100
100
100
100
100
8
8
8
8
8
8
8
8
100
100
100
100
100
100
100
100
0.55
0.80
1.00
1.10
0.85
0.65
0.70
0.60
0.30
0.45
0.50
0.35
0.40
0.25
0.30
0.25
300
300
300
300
13000
nom
( MHz )
SRF
>17000
>17000
>17000
12000
8
8
8
8
Q
min
8
100
100
100
100
( MHz )
Test Freq.
100
L / Q
0.10
0.15
0.15
0.10
max
( Ω )
0.10
RDC
300
300
300
300
( mA )
max
IDC
300
MH1608R18JL□
MH1608R15JL□
180.0 ± 5%
650
550
8
8
50
50
2.70
2.40
150.0 ± 5%
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
AR-001A
MH1608□□□□L□-□□□
2)."-
":Reference code
□ □
□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com