Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH160810NJL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # MH160810NJL
Description  MULTILAYER CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH160810NJL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  MH160810NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH160810NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Outer : Carton
G.W. (Kg)
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
MH1608
Series
4,000
Style
07 - 08
G.W. (gw)
90
Inner : Reel
Q'TY (pcs)
200,000
Size (cm)
41 x 39 x 22
7.0
Ⅶ﹒
PACKAGING INFORMATION:
2.0±0.5
C
∮
( 2 ) Dimensions
A
Style
07 - 08
178
G
C
13
B
21±0.8
D
8
( 1 ) Configuration
T
D
Embossed Carrier
N
G
+0
10
50-0
T
12.5
Unit:m/m
Cover Tape
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 3
NAME
PROD.
MULTILAYER CHIP INDUCTOR
Carrier tape width : D
※
P:4 m/m
User direction of feed
Components
End
no component
200 m/m min.
Leader
Start
no component
400 m/m min.
4 m/m
Trailer
AR-001A
MH1608□□□□L□-□□□



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com