Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB09121R5ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB09121R5ML
Description  RADIAL INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB09121R5ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB09121R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1). □:Packaging information… A:Bulk
AR-001A
□
2)."-
":Reference code
□
□
RADIAL INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
( μH )
1.5 ±20%
3.3 ±20%
4.7 ±20%
2.2 ±20%
10.0 ±10%
15.0 ±10%
22.0 ±10%
6.8 ±20%
Inductance
47.0 ±10%
68.0 ±10%
33.0 ±10%
150.0 ±10%
220.0 ±10%
330.0 ±10%
100.0 ±10%
1000.0 ±10%
680.0 ±10%
470.0 ±10%
-□□□
RB09126R8ML□
-□□□
RB0912101KL□
RB0912102KL□
RB0912681KL□
RB0912471KL□
RB0912331KL□
RB0912221KL□
RB0912151KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
RB0912680KL□
RB0912470KL□
RB0912330KL□
RB0912220KL□
RB0912150KL□
RB0912100KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
RB09124R7ML□
RB09123R3ML□
RB09122R2ML□
RB09121R5ML□
DWG No.
-□□□
-□□□
-□□□
-□□□
REF : 20091221-D
NAME
PROD.
7.960M
30
2.50
0.028
33.0
1K
0.796M
55
1K
25
55
25
30
25
40
1K
0.796M
1K
1K
0.252M
0.796M
1K
1K
1K
0.796M
0.796M
0.796M
35
45
40
50
50
60
1K
1K
1K
2.520M
2.520M
2.520M
1K
1K
1K
2.520M
2.520M
2.520M
0.66
0.330
7.2
1.700
2.9
1.9
2.3
4.300
2.300
4.5
3.6
5.7
0.720
1.100
0.560
0.30
0.20
0.25
0.44
0.36
0.53
9.0
13.0
11.0
0.280
0.170
0.140
21.0
17.0
27.0
0.056
0.086
0.043
0.79
1.10
0.96
1.70
1.40
2.10
Test Freq. ( Hz )
30
30
30
30
ref.
Q
1K
1K
1K
7.960M
7.960M
7.960M
L
1K
Q
7.960M
ABC'S DWG NO.
ABC'S ITEM NO.
50.0
41.0
63.0
0.018
0.022
0.010
( MHz )
typ.
78.0
SRF
( Ω )
max.
0.008
RDC
3.60
3.10
4.50
( A )
max.
5.40
IDC
RB0912□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com