Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB09121R5ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # RB09121R5ML
Description  RADIAL INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB09121R5ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  RB09121R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB09121R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AR-001A
Adhesive tape position
Feed hole tobottom of component
Center of component location
Overall taped package thickness
Feed hole to overall component height
Adhesive tape width
Tape width
Lead location
Feed hole location
Feed hole pitch
W3
W2
W1
18.00
15.00
4.00
P1
3.85
T
W0
P2
1.42
9.00
6.35
H2
P
H1
32.00
12.70
18.50
0.157
0.598
0.709
max.
±0.50
±0.50
±0.020
max.
±0.020
1.083
0.728
0.152
0.056
0.250
0.354
0.500
±0.70
max.
±1.30
±0.50
max.
±0.80
±0.30
±0.028
max.
±0.020
±0.051
max.
±0.012
±0.032
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
P2
Note:color code without regular direction
Front-to-rear deflection
Tape feed hole diameter
Compnent lead pitch
Item
Symbol
Size
F
H
D
2.00
5.00
4.00
D
F
P
P1
RADIAL INDUCTOR
Ⅵ﹒TAPED PACKAGE DIMENSIONS:
PROD.
REF : 20091221-D
NAME
101
101
Tolerance
Specification
500 Pcs / Reel
※
0.200
0.157
0.079
Tolerance
±0.50
±0.20
max.
Milimeter
Size
±0.020
max.
±0.008
Inch
T
W1
W2
W3
PAGE: 3
H
RB0912□□□□L□-□□□



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com