Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB0914101KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB0914101KL
Description  RADIAL INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB0914101KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB0914101KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RB0914391KL□-□□□
0.796
0.55
0.850
1.9
20
390.0 ±10%
1). □:Packafing information… A:Bulk
AE-001A
2). "-
":Reference code
RB0914102KL□-□□□
RB0914821KL□-□□□
RB0914681KL□-□□□
RB0914561KL□-□□□
RB0914471KL□-□□□
□
□ □
1000.0 ±10%
470.0 ±10%
820.0 ±10%
680.0 ±10%
560.0 ±10%
0.252
0.796
0.796
0.796
0.796
40
20
20
20
20
1.3
1.5
1.6
1.7
1.8
0.40
0.45
0.30
0.35
0.50
2.100
1.400
1.600
1.800
1.300
RADIAL INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
RB0914150KL□-□□□
15.0 ±10%
RB0914820KL□-□□□
82.0 ±10%
RB0914331KL□-□□□
RB0914271KL□-□□□
RB0914221KL□-□□□
RB0914181KL□-□□□
RB0914151KL□-□□□
RB0914121KL□-□□□
RB0914101KL□-□□□
180.0 ±10%
330.0 ±10%
270.0 ±10%
220.0 ±10%
150.0 ±10%
120.0 ±10%
100.0 ±10%
RB0914680KL□-□□□
RB0914560KL□-□□□
RB0914470KL□-□□□
RB0914390KL□-□□□
RB0914330KL□-□□□
RB0914270KL□-□□□
RB0914220KL□-□□□
RB0914180KL□-□□□
33.0 ±10%
39.0 ±10%
68.0 ±10%
56.0 ±10%
47.0 ±10%
18.0 ±10%
27.0 ±10%
22.0 ±10%
NAME
PROD.
REF :
RB0914120KL□-□□□
RB0914100KL□-□□□
RB09146R8ML□-□□□
RB09144R7ML□-□□□
RB09143R3ML□-□□□
DWG No.
4.7 ±20%
12.0 ±10%
10.0 ±10%
6.8 ±20%
( µH )
3.3 ±20%
Indutance
2.52
0.060
2.40
10.0
50
2.52
4.0
30
0.796
0.796
0.796
0.796
0.796
0.796
0.796
30
20
20
30
30
30
30
2.6
2.2
2.0
2.4
3.0
2.8
3.5
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
30
30
30
30
40
40
40
40
5.0
4.5
7.0
6.0
9.0
8.0
8.5
9.5
0.230
1.10
0.75
0.80
0.65
0.60
0.70
0.90
1.00
0.540
0.680
0.760
0.600
0.320
0.370
0.280
2.30
1.60
1.30
1.20
1.50
1.80
1.70
1.90
0.130
0.200
0.210
0.140
0.065
0.090
0.110
0.120
( MHz )
2.52
Test Freq. ( MHz )
7.96
7.96
2.52
7.96
20
50
50
20
min.
20
Q
L
50.0
20.0
15.0
30.0
Q
70.0
min.
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
( A )
2.50
3.00
2.70
max.
3.60
3.20
IDC
0.033
0.048
0.055
0.039
( Ω )
max.
0.027
RDC
RB0914□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com