Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB0914101KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # RB0914101KL
Description  RADIAL INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB0914101KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  RB0914101KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB0914101KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RB0914□□□□L□-□□□
d
c﹒Lead:Sn/Ag/Cu
e﹒Remark:Products comply with RoHS' requirements
c﹒Operating temp.:-25℃---- +85℃
Ⅳ﹒
GENERAL SPECIFICATION:
a﹒Temp. rise:20℃ max. at rated current.
b﹒Storage temp.:-40℃ ---- +105℃
b﹒Wire:Enaelled copper wire ( Class F )
d﹒Tube: Shrinkable tube 125℃ , 600V
AE-001A
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
101----100 uH ( Inductance code )
"
" : Start
Marking :
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅲ﹒
MATERIALS:
a﹒Core:Ferrite DR core
NAME
PROD.
REF :
A∮
C
E
D
B
W : 0.65
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
RADIAL INDUCTOR
F : 5.0±0.8
E : 2.5 max.
D : 18.0±5
C : 25.0±5
B : 12.0±1.0
A : 8.7±0.5
c
b
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - RB0914101KL

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RB09104F MERITEK-RB09104F Datasheet
142Kb / 2P
Thick Film Resistor Networks
RB09104G MERITEK-RB09104G Datasheet
142Kb / 2P
Thick Film Resistor Networks
RB09104J MERITEK-RB09104J Datasheet
142Kb / 2P
Thick Film Resistor Networks
logo
ABC Taiwan Electronics ...
RB0912100KL ABC-RB0912100KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB0912101KL ABC-RB0912101KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
More results

Similar Description - RB0914101KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
RADIAL INDUCTOR
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
RADIAL INDUCTOR
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
RADIAL INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com