Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB1010121 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB1010121
Description  RADIAL INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB1010121 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB1010121 Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB1010121 Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB1010121 Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB1010121 Datasheet HTML 4Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-□□□
0.252M
1V/1K
110
0.380
7.50
25
6800 ± 5%
RB1010682□L□
1). □:Packaging information… A:Bulk
56000 ± 5%
47000 ± 5%
82000 ± 5%
68000 ± 5%
100000 ± 5%
12000 ± 5%
10000 ± 5%
18000 ± 5%
15000 ± 5%
27000 ± 5%
22000 ± 5%
39000 ± 5%
33000 ± 5%
8200 ± 5%
□
□
□
AR-001A
-□□□
RB1010393□L□
2)."-
":Reference code
RB1010823□L□
RB1010104□L□
RB1010473□L□
RB1010563□L□
RB1010683□L□
-□□□
-□□□
-□□□
-□□□
-□□□
RB1010223□L□
RB1010273□L□
RB1010333□L□
RB1010183□L□
RB1010822□L□
RB1010153□L□
RB1010123□L□
RB1010103□L□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
79.6K
1V/1K
40
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
35
30
35
35
40
79.6K
25.2K
79.6K
79.6K
79.6K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
50
45
45
55
50
45
50
25
79.6K
79.6K
79.6K
79.6K
79.6K
79.6K
79.6K
0.252M
37
0.160
45.00
0.120
105.00
0.100
140.00
0.130
0.125
0.150
66.00
78.00
52.00
22
20
30
24
32
0.190
0.180
0.230
0.200
32.00
40.00
21.00
25.00
0.340
0.300
0.280
0.350
10.00
17.00
13.50
8.60
48
40
55
52
100
80
70
105
2200 ± 5%
3300 ± 5%
2700 ± 5%
4700 ± 5%
5600 ± 5%
3900 ± 5%
470 ± 10%
680 ± 5%
560 ± 5%
1000 ± 5%
1500 ± 5%
1200 ± 5%
820 ± 5%
1800 ± 5%
220 ± 10%
330 ± 10%
270 ± 10%
390 ± 10%
150 ± 10%
180 ± 10%
120 ± 10%
RADIAL INDUCTOR
Inuductance
100 ± 10%
( uH )
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
SPECIFICATION FOR APPROVAL
-□□□
RB1010271□L□
-□□□
RB1010152□L□
RB1010332□L□
RB1010392□L□
RB1010562□L□
RB1010472□L□
RB1010222□L□
RB1010272□L□
RB1010182□L□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
RB1010561□L□
RB1010821□L□
RB1010681□L□
RB1010122□L□
RB1010102□L□
RB1010471□L□
RB1010391□L□
RB1010331□L□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
REF : 20081211-A
RB1010121□L□
RB1010221□L□
RB1010151□L□
RB1010181□L□
RB1010101□L□
DWG No.
-□□□
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
0.796M
1V/1K
520
2.000
0.32
28
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
30
25
25
30
40
35
30
35
0.252M
0.252M
0.252M
0.252M
0.252M
0.252M
0.252M
0.252M
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
18
18
15
13
15
20
17
22
0.796M
0.796M
0.252M
0.252M
0.796M
0.796M
0.796M
0.796M
0.660
3.60
0.480
0.450
0.600
5.40
6.00
4.20
0.720
0.680
0.780
0.820
2.80
3.20
2.20
1.80
155
130
120
140
180
160
200
220
1.500
0.65
1.220
1.100
1.000
1.300
1.00
1.30
1.20
0.80
1.700
1.600
1.800
0.43
0.50
0.38
370
300
270
250
330
430
400
480
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
40
30
30
35
min.
30
Q
0.796M
0.796M
0.796M
0.796M
Test Freq. ( Hz )
L
0.796M
Q
ABC'S ITEM NO.
ABC'S DWG NO.
3.000
0.18
2.600
2.200
2.800
0.23
0.28
0.20
( MHz )
3.500
min.
SRF
( Ω )
0.12
max.
RDC
820
680
620
780
( mA )
900
max.
IDC
RB1010□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com