Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB1010121 Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # RB1010121
Description  RADIAL INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB1010121 Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  RB1010121 Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB1010121 Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB1010121 Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB1010121 Datasheet HTML 4Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB1010□□□□L□-□□□
a﹒Core:Ferrite DR core 10x10
e﹒Remark:Products comply with RoHS' requirements
c﹒Operating temp.:-25℃---- +85℃
a﹒Temp. rise:20℃ max. at rated current.
b﹒Storage temp.:-40℃---- +105℃
Ⅳ﹒ELECTRICAL CHARACTERISTICS:
b﹒Wire:Enamelled copper wire ( Class F )
c﹒Lead:Sn/Ag/Cu
d﹒Tube: Sheinkable tube 125℃ , 600V
AR-001A
d
Ⅰ﹒CONFIGURATION & DIMENSIONS:
REF : 20081211-A
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅲ﹒MATERIALS:
NAME
PROD.
D
E
:
1.5 max.
"
" : 103
B
Marking :
F
:
7.0±0.8
W : 0.80
ψ
SPECIFICATION FOR APPROVAL
C
Aψ
E
RADIAL INDUCTOR
D
: 15.0±3.0
C
: 18.0±3.0
B
: 11.0±0.8
A
: 10.7±0.8
ABC'S DWG NO.
ABC'S ITEM NO.
b
c
m/m
a
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - RB1010121

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB1010-101K-RC ALLIED-RB1010-101K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB1010-101K-RC ALLIED-RB1010-101K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
More results

Similar Description - RB1010121

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
RADIAL INDUCTOR
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
RADIAL INDUCTOR
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
RADIAL INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com