Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32340C Datasheet(PDF) 7 Page - EPCOS

Part # B32340C
Description  Film capacitors - Power Factor Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C Datasheet(HTML) 7 Page - EPCOS

Back Button B32340C Datasheet HTML 3Page - EPCOS B32340C Datasheet HTML 4Page - EPCOS B32340C Datasheet HTML 5Page - EPCOS B32340C Datasheet HTML 6Page - EPCOS B32340C Datasheet HTML 7Page - EPCOS B32340C Datasheet HTML 8Page - EPCOS B32340C Datasheet HTML 9Page - EPCOS B32340C Datasheet HTML 10Page - EPCOS B32340C Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Film capacitors – Power Factor Correction
B32340C****A***
PhiCap capacitors
B32340C / MKPxxx-I
Preliminary data
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 7 of 12
Important notes at the end of this document
.
Single-phase capacitors – VR = 440 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP440-I-0.7
B32340C4001A840
0.7
1.6
0.8
1.9
11
63.5 × 68
0.30
12
MKP440-I-1.4
B32340C4011A740
1.4
3.2
1.7
3.8
23
63.5 × 68
0.30
12
MKP440-I-2.1
B32340C4021A540
2.1
4.7
2.5
5.7
34
63.5 × 105
0.40
12
MKP440-I-2.8
B32340C4031A340
2.8
6.4
3.3
7.6
46
63.5 × 105
0.40
12
MKP440-I-3.3
B32340C4032A340
3.3
7.6
4.0
9.1
55
63.5 × 142
0.50
12
MKP440-I-4.2
B32340C4051A040
4.2
9.5
5.0
11.4
68
63.5 × 142
0.50
12
MKP440-I-5.0
B32340C4052A040
5.0
11.4
6.0
13.6
82
63.5 × 142
0.50
12
Single-phase capacitors – VR = 480 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d x h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP480-I-0.7
B32340C4001A880
0.7
1.5
0.8
1.7
10
63.5 × 105
0.30
12
MKP480-I-1.4
B32340C4011A780
1.4
2.9
1.7
3.5
19
63.5 × 105
0.30
12
MKP480-I-2.1
B32340C4021A580
2.1
4.3
2.5
5.2
29
63.5 × 105
0.30
12
MKP480-I-2.8
B32340C4031A380
2.8
5.8
3.3
6.9
38
63.5 × 142
0.50
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com