Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32340C Datasheet(PDF) 2 Page - EPCOS

Part # B32340C
Description  Film capacitors - Power Factor Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C Datasheet(HTML) 2 Page - EPCOS

  B32340C Datasheet HTML 1Page - EPCOS B32340C Datasheet HTML 2Page - EPCOS B32340C Datasheet HTML 3Page - EPCOS B32340C Datasheet HTML 4Page - EPCOS B32340C Datasheet HTML 5Page - EPCOS B32340C Datasheet HTML 6Page - EPCOS B32340C Datasheet HTML 7Page - EPCOS B32340C Datasheet HTML 8Page - EPCOS B32340C Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Film capacitors – Power Factor Correction
B32340C****A***
PhiCap capacitors
B32340C / MKPxxx-I
Preliminary data
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 2 of 12
Important notes at the end of this document
.
Construction
Dielectric: metallized polypropylene film
Semi-dry; biodegradable soft resin; non-
PCB
Case: extruded round aluminum can with
stud
Mounting and grounding: threaded M12
stud on bottom of can
Degree of protection: IP20 (optionally IP54
with terminal cover; additional cable gland
at cable entry required)
Features
Single phase, provided with discharge
resistors
Dual safety system: overpressure
disconnector, self-healing technology
file # E106388
C22.2 Nº190 MC # 236094
Naturally air cooled (or forced air cooling)
Indoor mounting
Typical applications
For Power Factor Correction
Terminals
Fast-on terminals
Mounting
Threaded stud at bottom of can
(max. torque = 10 Nm for M12)
Dimensional drawing
Characteristics
Rated capacitance CR and QR
According to specification table
Tolerance
–5/+10%
Rated voltage VR
According to specification table
Rated frequency fR
50/60 Hz
C
US



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com