Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41550 Datasheet(PDF) 10 Page - EPCOS

Part # B41550
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41550 Datasheet(HTML) 10 Page - EPCOS

Back Button B41550 Datasheet HTML 6Page - EPCOS B41550 Datasheet HTML 7Page - EPCOS B41550 Datasheet HTML 8Page - EPCOS B41550 Datasheet HTML 9Page - EPCOS B41550 Datasheet HTML 10Page - EPCOS B41550 Datasheet HTML 11Page - EPCOS B41550 Datasheet HTML 12Page - EPCOS B41550 Datasheet HTML 13Page - EPCOS B41550 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Frequency factor of permissible ripple current IAC versus frequency f
VR (V DC)
16; 25 40
63
100
d = 35.7 mm
b
c
d
d
d = 51.6 mm
a
b
c
c
d = 64.3 mm
a
a
c
c
d = 76.9 mm
a
a
b
c
Frequency characteristics of ESR
Typical behavior
VR (V DC)
16; 25 40
63
100
d = 35.7 mm
b
c
d
d
d = 51.6 mm
a
b
c
c
d = 64.3 mm
a
a
c
c
d = 76.9 mm
a
a
b
c
B41550, B41570
SIKOREL
105
°C
Page 10 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com