Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41550 Datasheet(PDF) 2 Page - EPCOS

Part # B41550
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41550 Datasheet(HTML) 2 Page - EPCOS

  B41550 Datasheet HTML 1Page - EPCOS B41550 Datasheet HTML 2Page - EPCOS B41550 Datasheet HTML 3Page - EPCOS B41550 Datasheet HTML 4Page - EPCOS B41550 Datasheet HTML 5Page - EPCOS B41550 Datasheet HTML 6Page - EPCOS B41550 Datasheet HTML 7Page - EPCOS B41550 Datasheet HTML 8Page - EPCOS B41550 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1) For
∅ ≤ 51.6 mm: 2500 h, for ∅ ≥ 64.3 mm: 5000 h
Long-life grade capacitors
Applications
Highly professional power supplies
Features
Outstanding reliability
Operation at temperatures up to 125
°C permissible without
insulating sleeve1)
High ripple current capability
Long useful life
Shelf life up to 10 years
All-welded construction ensures reliable electrical contact
RoHS-compatible
Construction
Charge-discharge proof, polar
Aluminum case with insulating sleeve
Poles with screw terminal connections
Mounting with ring clips, clamps or threaded stud
The bases of types with threaded stud are not insulated
B41550
B41570
Capacitors with screw terminals
B41550, B41570
SIKOREL
105
°C
Page 2 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com