Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW003A5F Datasheet(PDF) 13 Page - Lineage Power Corporation

Part # SW003A5F
Description  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW003A5F Datasheet(HTML) 13 Page - Lineage Power Corporation

Back Button SW003A5F Datasheet HTML 9Page - Lineage Power Corporation SW003A5F Datasheet HTML 10Page - Lineage Power Corporation SW003A5F Datasheet HTML 11Page - Lineage Power Corporation SW003A5F Datasheet HTML 12Page - Lineage Power Corporation SW003A5F Datasheet HTML 13Page - Lineage Power Corporation SW003A5F Datasheet HTML 14Page - Lineage Power Corporation SW003A5F Datasheet HTML 15Page - Lineage Power Corporation SW003A5F Datasheet HTML 16Page - Lineage Power Corporation SW003A5F Datasheet HTML 17Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
13
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
12μH
CS
220μF
E.S.R.<0.1
Ω
@ 20°C 100kHz
33μF
Vin+
Vin-
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 12μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
Figure 43. Input Reflected Ripple Current Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO(+)
V O(–)
1uF .
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 44. Output Ripple and Noise Test Setup.
Vout+
Vout-
Vin+
Vin-
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 45. Output Voltage and Efficiency Test Setup.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. Highly inductive source
impedance can affect the stability of the power module.
For the test configuration in Figure 43, a 33μF
electrolytic capacitor (ESR<0.7
Ω at 100kHz), mounted
close to the power module helps ensure the stability of
the unit. Consult the factory for further application
guidelines.
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standard,
i.e., UL 60950-1-3, CSA C22.2 No. 60950-00, and VDE
0805 (IEC60950, 3
rd Edition).
If the input source is non-SELV (ELV or a hazardous
voltage greater than 60 Vdc and less than or equal to
75Vdc), for the module’s output to be considered as
meeting the requirements for safety extra-low voltage
(SELV), all of the following must be true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages,
including the ac mains.
One VIN pin and one VOUT pin are to be grounded,
or both the input and output pins are to be kept
floating.
The input pins of the module are not operator
accessible.
Another SELV reliability test is conducted on the
whole system (combination of supply source and
subject module), as required by the safety agencies,
to verify that under a single fault, hazardous
voltages do not appear at the module’s output.
Note:
Do not ground either of the input pins of the
module without grounding one of the output pins.
This may allow a non-SELV voltage to appear
between the output pins and ground.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
For input voltages exceeding –60 Vdc but less than or
equal to –75 Vdc, these converters have been evaluated
to the applicable requirements of BASIC INSULATION
between secondary DC MAINS DISTRIBUTION input
(classified as TNV-2 in Europe) and unearthed SELV
outputs.
The input to these units is to be provided with a
maximum 3A time-delay fuse in the ungrounded lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com