Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW003A5F Datasheet(PDF) 21 Page - Lineage Power Corporation

Part # SW003A5F
Description  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW003A5F Datasheet(HTML) 21 Page - Lineage Power Corporation

Back Button SW003A5F Datasheet HTML 16Page - Lineage Power Corporation SW003A5F Datasheet HTML 17Page - Lineage Power Corporation SW003A5F Datasheet HTML 18Page - Lineage Power Corporation SW003A5F Datasheet HTML 19Page - Lineage Power Corporation SW003A5F Datasheet HTML 20Page - Lineage Power Corporation SW003A5F Datasheet HTML 21Page - Lineage Power Corporation SW003A5F Datasheet HTML 22Page - Lineage Power Corporation SW003A5F Datasheet HTML 23Page - Lineage Power Corporation SW003A5F Datasheet HTML 24Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
21
The SW/SC family of power modules is available for
either Through-Hole (TH) or Surface Mount (SMT)
soldering.
Through-Hole Soldering Information
The RoHS-compliant (Z codes) through-hole products
use the SAC (Sn/Ag/Cu) Pb-free solder and RoHS-
compliant components. They are designed to be
processed through single or dual wave soldering
machines. The pins have an RoHS-compliant finish
that is compatible with both Pb and Pb-free wave
soldering processes. A maximum preheat rate of
3
°C/s is suggested. The wave preheat process
should be such that the temperature of the power
module board is kept below 210
°C. For Pb solder,
the recommended pot temperature is 260
°C, while the
Pb-free solder pot is 270
°C max. Not all RoHS-
compliant through-hole products can be processed
with paste-through-hole Pb or Pb-free reflow process.
If additional information is needed, please consult with
your Lineage Power representative for more details.
Surface Mount Information
Pick and Place
The SW/SC-SR series of DC-to-DC power converters
use an open-frame construction and are designed for
surface mount assembly within a fully automated
manufacturing process.
The SW/SC-SR series modules are designed to use
the main magnetic component surface to allow for
pick and place.
12.70
Ø6.5 NOZZLE.
Note: All dimensions in mm.
Figure 52. Pick and Place Location.
Z Plane Height
The ‘Z’ plane height of the pick and place location is
7.50mm nominal with an RSS tolerance of +/-0.25
mm.
Nozzle Recommendations
The module weight has been kept to a minimum by
using open frame construction. Even so, they have a
relatively large mass when compared with
conventional SMT components. Variables such as
nozzle size, tip style, vacuum pressure and placement
speed should be considered to optimize this process.
The minimum recommended nozzle diameter for
reliable operation is 5mm. The maximum nozzle outer
diameter, which will safely fit within the allowable
component spacing, is 6.5mm.
Oblong or oval nozzles up to 11 x 6 mm may also be
used within the space available.
For further information please contact your local
Lineage Power Technical Sales Representative.
Reflow Soldering Information
These power modules are large mass, low thermal
resistance devices and typically heat up slower
than other SMT components. It is recommended
that the customer review data sheets in order to
customize the solder reflow profile for each
application board assembly.
The following instructions must be observed when
SMT soldering these units. Failure to observe
these instructions may result in the failure of or
cause damage to the modules, and can adversely
affect long-term reliability.
The surface mountable modules in the SW/SC
family use our SMT technology called “Column Pin”
(CP) connectors. Figure 53 shows the CP
connector before and after reflow soldering onto the
end-board assembly.
Power Module Board
Insulator
Solder Ball
End assembly PCB
Figure 53. Column Pin Connector Before and
After Reflow Soldering.
The CP is constructed from a solid copper pin with an
integral solder ball attached, which is composed of
tin/lead (Sn63/Pb37) solder for non-Z codes, or
Sn/Ag3.8/Cu0.7 (SAC) solder for –Z codes. The CP
connector design is able to compensate for large
amounts of co-planarity and still ensure a reliable
SMT solder joint. Typically, the eutectic solder melts
at 183
oC (Sn/Pb solder) or 217-218 oC (SAC solder),
wets the land, and subsequently wicks the device
connection. Sufficient time must be allowed to fuse
the plating on the connection to ensure a reliable
solder joint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com