Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41863 Datasheet(PDF) 21 Page - EPCOS

Part # B41863
Description  Aluminum electrolytic capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41863 Datasheet(HTML) 21 Page - EPCOS

Back Button B41863 Datasheet HTML 17Page - EPCOS B41863 Datasheet HTML 18Page - EPCOS B41863 Datasheet HTML 19Page - EPCOS B41863 Datasheet HTML 20Page - EPCOS B41863 Datasheet HTML 21Page - EPCOS B41863 Datasheet HTML 22Page - EPCOS B41863 Datasheet HTML 23Page - EPCOS B41863 Datasheet HTML 24Page - EPCOS B41863 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Overview of packing units and code numbers for case sizes 18
× 20 ... 25 × 40
PAPR
Case size
d
× l
Stan-
dard,
bulk
Taped,
Ammo pack
Kinked
leads,
bulk
Cut
leads,
bulk
Crimped
leads,
blister
J leads,
blister
Bent 90
°
leads,
blister
mm
pcs.
pcs.
pcs.
pcs.
pcs.
pcs.
pcs.
18
× 20
175
250
175
175
200
200
120
18
× 25
150
250
150
150
200
200
120
18
× 31.5
100
250
100
100
150
150
120
18
× 35
100
100
100
150
150
150
18
× 40
125
100
100
120
72
20
× 20
125
125
200
20
× 25
125
125
200
20
× 30
100
100
120
20
× 35
100
100
120
20
× 40
100
100
120
22
× 30
80
100
22
× 35
80
100
22
× 40
80
100
25
× 40
40
The last three
digits of the
complete
ordering code
state the lead
configuration
000
Code F (mm) d (mm)
001
002
003
004
012
007
008
009
2.5
5
7.5
4...6.3
6.3...12.5
16...18
B41853, B41863
For airbag applications
105
°C
Page 21 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com