Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41863 Datasheet(PDF) 3 Page - EPCOS

Part # B41863
Description  Aluminum electrolytic capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41863 Datasheet(HTML) 3 Page - EPCOS

  B41863 Datasheet HTML 1Page - EPCOS B41863 Datasheet HTML 2Page - EPCOS B41863 Datasheet HTML 3Page - EPCOS B41863 Datasheet HTML 4Page - EPCOS B41863 Datasheet HTML 5Page - EPCOS B41863 Datasheet HTML 6Page - EPCOS B41863 Datasheet HTML 7Page - EPCOS B41863 Datasheet HTML 8Page - EPCOS B41863 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Specifications and characteristics in brief
Rated voltage VR
25 and 35 V DC
Surge voltage VS
1.15
VR
Rated capacitance CR
680 ... 10000 µF
Capacitance tolerance
0/+30%
A
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
25
35
tan
δ (max.)
0.16
0.14
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
Diameter (mm)
≤ 12.5
16
18
ESL (nH)
20
26
34
Useful life
105
°C; V
R; IAC,R
> 3000 h
Requirements
∆C/C
≤ ±30% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
105
°C; V
R
3000 h
Post test requirements
∆C/C
≤ ±25% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 1.5 mm, frequency range 10 … 2000 Hz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1:
55/105/56 ( 55
°C/+105 °C/56 days damp heat test)
Sectional specification
AEC-Q200, IEC 60384-4
Charge and discharge
characteristics
B41853
B41863
Acc. to IEC 60384-4,
AEC-Q200 and addendum 1
(see next page)
Acc. to IEC 60384-4 and AEC-Q200
B41853, B41863
For airbag applications
105
°C
Page 3 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com