Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPH4012FT-R47NZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPH4012FT-R47NZF
Description  SMD POWER INDUCTORS (PRELIMINARY)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPH4012FT-R47NZF Datasheet(HTML) 2 Page - Superworld Electronics

  SPH4012FT-R47NZF Datasheet HTML 1Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 2Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 3Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 4Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
03.02.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPH4012FT-1R2NZF
Inductance
1.2±30%
( uH )
IDC1
( m )
0.1V/100K
60
2.20
( A )
RDC
IDC2
1.50
( A )
( Hz )
Frequency
Test
±20%
1.5±30%
0.1V/100K
75
2.2±30%
0.1V/100K
90
3.3±30%
0.1V/100K
130
SPH4012FT-1R5NZF
SPH4012FT-2R2NZF
SPH4012FT-3R3NZF
1.35
1.20
0.98
2.00
1.65
1.20
SMD POWER INDUCTORS (PRELIMINARY)
SPH4012FT SERIES
c) Rated Current : IDC1 or IDC2, whichever value is lower
4.7±20%
0.1V/100K
140
6.8±20%
0.1V/100K
180
10±20%
0.1V/100K
240
SPH4012FT-4R7MZF
SPH4012FT-6R8MZF
SPH4012FT-100MZF
0.96
0.84
0.77
1.05
0.90
0.74
47±20%
0.1V/100K
1000
SPH4012FT-470MZF
0.37
0.35
SPH4012FT-R47NZF
0.47±30%
0.1V/100K
35
3.50
2.50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com