Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPH4012FT-R47NZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPH4012FT-R47NZF
Description  SMD POWER INDUCTORS (PRELIMINARY)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPH4012FT-R47NZF Datasheet(HTML) 1 Page - Superworld Electronics

  SPH4012FT-R47NZF Datasheet HTML 1Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 2Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 3Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 4Page - Superworld Electronics SPH4012FT-R47NZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
03.02.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
2. CONFIGURATION & DIMENSIONS :
3. MATERIALS :
(a) Core : Ferrite
(b) Wire : Polyurethane Enamelled Copper Wire
(c) Solder : M35E
(f)
S P H 4 0 1 2 F T - 1 R 2 N Z F
(d)
(e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
(c) Powder coating type
(a) Series code
(b) Dimension code
(h) F : RoHS Compliant
(g) Z : Standard part
(f) Tolerance code : M = ±20%, N = ±30%
(g)(h)
(d) Taping package
(e) Inductance code : 1R2 = 1.2uH
(d) Coating : Powder Coating
SMD POWER INDUCTORS (PRELIMINARY)
SPH4012FT SERIES
1.2 Max.
A
B
C
1.6 Typ.
DE
1.15 Typ.
3.9±0.2
4.0±0.2
Unit:m/m
Recommended PCB Pattern
3.7 Typ.
FG
1.2 Typ.
A
C
F
H
1.6 Typ.
Powder
coating


Similar Part No. - SPH4012FT-R47NZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH4010FT SUPERWORLD-SPH4010FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH4010FT-100MZF SUPERWORLD-SPH4010FT-100MZF Datasheet
236Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH4010FT-6R8MZF SUPERWORLD-SPH4010FT-6R8MZF Datasheet
236Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPH4018FT-1R2NZF SUPERWORLD-SPH4018FT-1R2NZF Datasheet
236Kb / 5P
SMD POWER INDUCTORS
More results

Similar Description - SPH4012FT-R47NZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Superworld Electronics
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH3010FT SUPERWORLD-SPH3010FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH3012FT SUPERWORLD-SPH3012FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH3015FT SUPERWORLD-SPH3015FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH4010FT SUPERWORLD-SPH4010FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH5020FT SUPERWORLD-SPH5020FT Datasheet
239Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
SPH6012FT SUPERWORLD-SPH6012FT Datasheet
237Kb / 5P
SMD POWER INDUCTORS (PRELIMINARY)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com