Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1649C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1649C/D
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1649C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1649C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
_______________________________________________________________________________________
7
Shutdown Mode
When SHDN is high, the MAX1649/MAX1651 enter shut-
down mode. In this mode, the internal biasing circuitry is
turned off (including the reference) and the supply cur-
rent drops to less than 5µA. EXT goes high, turning off the
external MOSFET. SHDN is a logic-level input. Connect
SHDN to GND for normal operation.
Quiescent Current
In normal operation, the device's typical quiescent cur-
rent is 78µA. In an actual application, even with no load,
additional current is drawn to supply external feedback
resistors (if used) and the diode and capacitor leakage
currents. In the circuit of Figure 1, with V+ at 5V and
VOUT at 3.3V, typical no-load supply current for the
entire circuit is 90µA.
MAX1649
MAX1651
Q
MINIMUM
OFF-TIME
ONE-SHOT
TRIG
Q
MAXIMUM
ON-TIME
ONE-SHOT
TRIG
DUAL-MODE™
COMPARATOR
ERROR
COMPARATOR
CURRENT
COMPARATOR
110mV
Q
S
R
FROM V+
FROM V+
CS
EXT
OUT
GND
REF
SHDN
FB
V+
1.5V
REFERENCE
F/F
N
™ Dual-Mode is a trademark of Maxim Integrated Products
50mV
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com