Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1649C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1649C/D
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1649C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1649C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX1649/MAX1651 BiCMOS, step-down, DC-DC
switching controllers provide high efficiency over loads
ranging from 1mA to more than 2.5A. A unique, current-
limited pulse-frequency-modulated (PFM) control scheme
gives these devices the benefits of pulse-width-modula-
tion (PWM) converters (high efficiency at heavy loads),
while using only 100µA of supply current (vs. 2mA to
10mA for PWM converters). Dropout performance down
to 300mV is provided by a high switch duty cycle (96.5%)
and a low current-sense threshold (110mV).
A high switching frequency (up to 300kHz) allows these
devices to use miniature external components.
The MAX1649/MAX1651 have dropout voltages less
than 0.3V at 500mA and accept input voltages up to
16V. Output voltages are preset at 5V (MAX1649), or
3.3V (MAX1651). They can also be adjusted to any
voltage from 1.5V to the input voltage by using two
resistors.
These step-down controllers drive external P-channel
MOSFETs at loads greater than 12.5W. If less power is
required, use the MAX639/MAX640/MAX653 step-down
converters with on-chip FETs, which allow up to a
225mA load current.
________________________Applications
PDAs
High-Efficiency Step-Down Regulation
5V-to-3.3V Green PC Applications
Battery-Powered Applications
____________________________Features
♦ More than 90% Efficiency (10mA to 1.5A Loads)
♦ More than 12.5W Output Power
♦ Less than 0.3V Dropout Voltage at 500mA
♦ 100µA Max Quiescent Supply Current
♦ 5µA Max Shutdown Supply Current
♦ 16V Max Input Voltage
♦ 5V (MAX1649), 3.3V (MAX1651), or Adjustable
Output Voltage
♦ Current-Limited Control Scheme
♦ Up to 300kHz Switching Frequency
♦ Up to 96.5% Duty Cycle
______________Ordering Information
*Dice are tested at TA = +25°C.
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
8
7
6
5
GND
EXT
CS
V+
REF
SHDN
FB
OUT
DIP/SO
TOP VIEW
MAX1649
MAX1651
__________________Pin Configuration
__________Typical Operating Circuit
19-0305; Rev 3; 3/09
PART
TEMP RANGE
PIN-PACKAGE
MAX1649CPA
0°C to +70°C
8 Plastic DIP
MAX1649CSA
0°C to +70°C
8 SO
MAX1649C/D
0°C to +70°C
Dice*
MAX1649EPA
-40°C to +85°C
8 Plastic DIP
MAX1649ESA
-40°C to +85°C
8 SO
MAX1651
V+
CS
SHDN
FB
GND
ON/OFF
P
EXT
REF
OUT
OUTPUT
3.3V
INPUT
3.6V TO 16V
MAX1651CPA
0°C to +70°C
8 Plastic DIP
MAX1651CSA
0°C to +70°C
8 SO
MAX1651C/D
0°C to +70°C
Dice*
MAX1651EPA
-40°C to +85°C
8 Plastic DIP
MAX1651ESA
-40°C to +85°C
8 SO
EVALUATION
KIT
AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX1649C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649C/D MAXIM-MAX1649C/D Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
More results

Similar Description - MAX1649C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com