Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1651C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1651C/D
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1651C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1651C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
4
_______________________________________________________________________________________
-60
-20
60
140
SWITCH ON-TIME
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
34.0
33.5
33.0
32.5
32.0
31.5
31.0
30.0
30.5
-60
-20
60
140
SWITCH OFF-TIME
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-60
-20
60
140
MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
100
99
98
97
96
95
94
93
-60
-20
60
140
CS TRIP LEVEL
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
0
80
40
120
120
115
110
100
105
95
0
0.5
1.0
1.5
2.0
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
600
500
400
300
200
100
0
VOUT = 4.80V
VOUT = 3.17V
CIRCUIT OF
FIGURE 1
250
0
REFERENCE OUTPUT RESISTANCE
vs. TEMPERATURE
50
200
150
100
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
IREF = 10
μA
IREF = 50
μA
IREF = 100
μA
1.506
1.492
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
1.494
1.504
1.502
1.500
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
1.498
1.496
IREF = 10
μA
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com