Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1651C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1651C/D
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1651C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1651C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1651C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
CIRCUIT OF FIGURE 1, ILOAD = 1A
A: VOUT = 5V, 100mV/div, AC-COUPLED
B: V+ = 6V TO 16V, 5V/div
MAX1649
LINE-TRANSIENT RESPONSE
A
B
5ms/div
16V
6V
CIRCUIT OF FIGURE 1, V+ = 10V
A: VOUT = 5V, 100mV/div, AC-COUPLED
B: ILOAD = 30mA TO 1.6A, 1A/div
MAX1649
LOAD-TRANSIENT RESPONSE
A
1.6A
0A
B
200
μs/div
CIRCUIT OF FIGURE 1, V+ = 10V, ILOAD = 1A
MAX1649
SHDN RESPONSE TIME
5V
4V
OUTPUT
0V
0V
SHDN
INPUT
1ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com