Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-3372 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-3372
Description  VIA Eden??(V4) CX700 PC/104-Plus CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3372 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-3372 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3372 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
PCM-3372
VIA Eden™ (V4) 400/600 MHz and ULV 1.0 GHz processor
Supports DDR2 memory
Supports 10/100 Mbps Ethernet
Dual 48-bit TFT LCD LVDS interface
Supports one RS-232, one RS-232/422/485, and six USB 2.0 ports
PC/104 and PC/104-Plus expansion connector
Supports HD compliant Audio
Support for CompactFlash card Type I
VIA Eden™ (V4) + CX700 PC/104-Plus
CPU Module
ATX Power
FAN
Power
USB1-6
LVDS-I
LVDS-E
Inverter-E
Inverter-I
LVDS-E Power SEL
LVDS-I Power SEL
PCI VIO Sel
DIO
422/485 SEL
RS-422/485
SATA 2
SATA 1
LAN
Audio
IDE
COM1-2
CF
KB/MS
Specifications
Processor System
CPU
VIA Eden (V4) 400 MHz
VIA Eden 600 MHz
VIA Eden 1 GHz
L2 Cache
128 KB
128 KB
128 KB
Chipset
VIA CX700
VIA CX700
VIA CX700
BIOS
Award 4-Mbit
Award 4-Mbit
Award 4-Mbit
Memory
Technology
DDR2 400/533 MHz
Max. Capacity
1 GB
Socket
1 x 200-pin SODIMM
SSD
CompactFlash
Card Type I
I/O Interface
RS-232
1
RS-232/422/485
1
K/B
1
Mouse
1
USB
6 x USB 2.0
Audio
HD Audio stereo sound
GPIO
8-bit general purpose (4 Input/4 Output)
EIDE
Mode
UDMA 33/66
Channel
1
SATA
Max. Data Transfer Rate
150
Channel
2
Expansion Slot
PCI/104-Plus
1
Ethernet
Speed
10/100 Mbps
Controller
Intel 82551ER
Interface
1 x RJ-45 by cable
Display
Controller
VIA CX700
VRAM
Optimized Shared Memory Architecture up to 64 MB system memory
LVDS LCD
2 x 48-bit LVDS
Dual Independent Display
CRT + LVDS, LVDS+LVDS
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Type
AT / ATX
Power Supply Voltage
AT: 5V only to boot up (12 V is optional for LCD inverter and add on card)
ATX: 5V, 12V
Power Consumption:
Typical (WinXP Idle Mode)
Typical: +5 V, 1.45 A; +12 V, 0.02 A
Power Consumption:
Max, Test in HCT
Max: +5 V, 2.63 A; +12 V, 0.03 A (Eden ULV 1.0 GHz with 512 MB RAM)
Power Management
ACPI supported, APM1.2
Battery
Lithium 3 V / 210 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
96 x 115 mm (3.8" x 4.5")
Weight
0.162 kg (0.357 lb)
Clear CMOS
-5/-12 input
Reset
PS_ON


Similar Part No. - PCM-3372

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3375 ADVANTECH-PCM-3375 Datasheet
333Kb / 2P
VIA Mark CoreFusion??PC/104 Module with VGA/LCD, Ethernet & SSD
24-Mar-2009
PCM-3375F-L0A1E ADVANTECH-PCM-3375F-L0A1E Datasheet
333Kb / 2P
VIA Mark CoreFusion??PC/104 Module with VGA/LCD, Ethernet & SSD
24-Mar-2009
More results

Similar Description - PCM-3372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
PC/104-Plus PCMCIA Module
logo
Protech Systems Co., Lt...
EPC-8610 PROTECHSYSTEMS-EPC-8610 Datasheet
711Kb / 2P
VIA Eden Micro Industrial PC
logo
Advantech Co., Ltd.
PCM-3353 ADVANTECH-PCM-3353 Datasheet
1Mb / 3P
AMD LX800 PC/104-Plus CPU Module
09-Nov-2009
logo
AAEON Technology
ETX-CX700M AAEON-ETX-CX700M Datasheet
380Kb / 1P
Onboard VIA C7?? Eden??(V4) Series Processors
logo
Intel Corporation
EM104P-I2904 INTEL-EM104P-I2904 Datasheet
324Kb / 3P
Intel짰 Atom??N455 or D525 PC/104-Plus CPU Module
logo
List of Unclassifed Man...
LEC-2300 ETC2-LEC-2300 Datasheet
220Kb / 2P
Fanless Industrial PC with VIA??ULV Eden 1 GHz CPU
LEC-3000 ETC2-LEC-3000 Datasheet
215Kb / 2P
Fanless Industrial PC with VIA??ULV Eden 1 GHz CPU
logo
Axiomtek Co., Ltd.
ETB9F000 AXIOMTEK-ETB9F000_15 Datasheet
223Kb / 1P
VIA V4 compliant C7/Eden processor onboard
AX12260 AXIOMTEK-AX12260_16 Datasheet
220Kb / 1P
AMD LX PC/104 CPU Module with VGA/ TTL, USB DoM and PC/104-Plus Expansion
SBC84710 AXIOMTEK-SBC84710_14 Datasheet
452Kb / 1P
Low power fanless VIA V4 Eden/C7 processor onboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com