Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-3372 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-3372
Description  VIA Eden??(V4) CX700 PC/104-Plus CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3372 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-3372 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3372 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
Board Diagram
PCM-3372
Ordering Information
Part No.
CPU
Chipset L2
Cache
CRT TTL LVDS
LAN USB2.0 RS-232 RS-232/
422/485
LPT/KB/
MS
SATA CF Audio PC/104+
connector
Thermal
Solution
Operating
Temp.
Embedded
OS
PCM-3372F-J0A1E
VIA Eden (V4)
400 MHz
CX700
128 KB
Yes
-
2 x 48-bit 1 FE 6
1
1
Yes
2
Yes Yes
Yes
Passive
0 ~ 60° C
optional
PCM-3372F-M0A1E VIA Eden (V4)
600 MHz
CX700
128 KB
Yes
-
2 x 48-bit 1 FE 6
1
1
Yes
2
Yes Yes
Yes
Passive
0 ~ 60° C
optional
PCM-3372F-S0A1E
VIA Eden (V4)
ULV 1.0 GHz
CX700
128 KB
Yes
-
2 x 48-bit 1 FE 6
1
1
Yes
2
Yes Yes
Yes
Passive
0 ~ 60° C
optional
Packing List
Part No.
Description
Quantity
PCM-3372 SBC
1
1703080104
Wire AT Power cable
1
1703100152
Audio cable
1
1703200380
Wire ATX power
1
1701200220
Two COM cable
1
1703040157
RS-422/485 COM cable
1
1703060053
Keyboard/Mouse cable
1
1700060202
Y cable (for KB/MS extension)
1
1701100202
Ethernet RJ-45 Conn. conversion cable
1
1701440350
IDE cable 44P/44P/44P
1
1700000898
VGA cable
1
1700000897
USB cable (bracket type with two USB ports)
1
1700071000
SATA cable
1
1700260250
LPT Cable
1
Startup manual
1
CD-ROM (Manual, Driver, Utility)
1
LVDS
Connector
CX700
EDEN V4
FSB 400/533
PCI BUS
DDR400 / DDR533
SMBus
PCI to ISA Bridge
IT888G
PC104+
Connector
10/100 LAN
Intel 82551ER
DDR2
SODIMM x1
LVDS Channel
COM1~2
LPT
KB/MS
HW Monitoring
Analog CRT
Transmitter
VT1636
GPIO
BIOS
PCA9554
Super I/O
6 USB Port
1 EIDE Channel
CF
2 SATA Port
LPC
LVDS BUS
DVO (DVP1)
Frequency



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com