Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57238 Datasheet(PDF) 3 Page - EPCOS

Part # B57238
Description  NTC thermistors for inrush current limiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57238 Datasheet(HTML) 3 Page - EPCOS

  B57238 Datasheet HTML 1Page - EPCOS B57238 Datasheet HTML 2Page - EPCOS B57238 Datasheet HTML 3Page - EPCOS B57238 Datasheet HTML 4Page - EPCOS B57238 Datasheet HTML 5Page - EPCOS B57238 Datasheet HTML 6Page - EPCOS B57238 Datasheet HTML 7Page - EPCOS B57238 Datasheet HTML 8Page - EPCOS B57238 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 170
°C
t: 1000 h
< 10%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 21 days
< 5%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
55
°C
Upper test temperature: 170
°C
Number of cycles: 10
< 10%
No visible
damage
Endurance
I = Imax
t: 1000 h
< 10%
No visible
damage
Cyclic
endurance
I = Imax, 1000 cycles
On-time = 1 min
Cooling time = 6 min
< 10%
No visible
damage
Transient
load
Capacitance = Ctest
Number of cycles: 1000
< 5%
No visible
damage
Note
The self-heating of a thermistor during operation depends on the load applied and the
applicable dissipation factor.
When loaded with maximum allowable current/power and the specified dissipation factor is
taken as a basis, the NTC thermistor may reach a mean temperature of up to 250
°C.
The heat developed during operation will also be dissipated through the lead wires. So the
contact areas, too, may become quite hot at maximum load.
When mounting NTC thermistors you have to ensure that there is an adequate distance
between the thermistor and all parts which are sensitive to heat or combustible.
Inrush current limiters
B57238
ICLs
S238
Page 3 of 15
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com