Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57238 Datasheet(PDF) 4 Page - EPCOS

Part # B57238
Description  NTC thermistors for inrush current limiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57238 Datasheet(HTML) 4 Page - EPCOS

  B57238 Datasheet HTML 1Page - EPCOS B57238 Datasheet HTML 2Page - EPCOS B57238 Datasheet HTML 3Page - EPCOS B57238 Datasheet HTML 4Page - EPCOS B57238 Datasheet HTML 5Page - EPCOS B57238 Datasheet HTML 6Page - EPCOS B57238 Datasheet HTML 7Page - EPCOS B57238 Datasheet HTML 8Page - EPCOS B57238 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Taping and packing
1
Taping of radial leaded NTC thermistors
Dimensions and tolerances
Lead spacing F = 5.0 mm (taping to IEC 60286-2)
Lead spacing F = 7.5 mm (taping based on IEC 60286-2)
Inrush current limiters
B57238
ICLs
S238
Page 4 of 15
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com