Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR03022R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR03022R2ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR03022R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR03022R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SR0302820KL□
0.300
12.0
2.10
100K
24
2.52
82.0±10%
0.280
-□□□
1). □:Packaging information… A:Bulk B:Taping Reel
AR-001A
SR0302471KL□
470.0±10%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
2)."-
":Reference code
SR0302122KL□
□
□ □
SR0302561KL□
SR0302681KL□
SR0302821KL□
SR0302102KL□
1200.0±10%
560.0±10%
820.0±10%
1000.0±10%
680.0±10%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SR0302391KL□
SR0302331KL□
SR0302271KL□
SR0302221KL□
SR0302181KL□
SR0302151KL□
SR0302101KL□
SR0302121KL□
390.0±10%
220.0±10%
270.0±10%
330.0±10%
150.0±10%
180.0±10%
100.0±10%
120.0±10%
5.0
14.30
100K
42
0.796
0.796
0.796
0.252
0.252
0.796
100K
40
100K
100K
100K
100K
43
45
40
43
3.0
30.00
4.3
4.0
3.2
4.8
18.00
26.00
22.50
16.00
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
100K
100K
100K
100K
40
40
40
45
100K
100K
100K
100K
40
38
45
40
6.0
5.5
8.0
7.0
10.00
10.80
5.70
8.60
10.0
9.0
8.5
10.0
3.20
4.60
5.00
2.85
0.130
0.105
0.060
0.080
0.085
0.080
0.070
0.095
0.110
0.100
0.090
0.120
0.130
0.120
0.150
0.170
0.150
0.140
0.190
0.170
0.220
0.185
0.200
0.260
0.250
0.230
0.210
0.280
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SMD POWER INDUCTOR
2.7±20%
SR03022R7ML□ -□□□
SR0302150ML□
15.0±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SR0302560KL□
SR0302680KL□
SR0302390KL□
SR0302470KL□
SR0302180ML□
SR0302220ML□
SR0302270ML□
SR0302330KL□
39.0±10%
47.0±10%
56.0±10%
68.0±10%
27.0±20%
22.0±20%
33.0±10%
18.0±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SR03025R6ML□
SR03028R2ML□
SR0302100ML□
SR0302120ML□
SR03026R8ML□
SR03023R3ML□
SR03023R9ML□
SR03024R7ML□
5.6±20%
12.0±20%
10.0±20%
8.2±20%
6.8±20%
3.9±20%
3.3±20%
4.7±20%
NAME
PROD.
REF : 20090505-B
-□□□
-□□□
-□□□
-□□□
-□□□
SR03021R0ML□
SR03022R2ML□
SR03021R8ML□
SR03021R5ML□
SR03021R2ML□
DWG No.
1.0±20%
2.2±20%
1.8±20%
1.5±20%
1.2±20%
Inductance
(μH)
1.700
1.500
0.10
72.0
7.96
100K
22
32.0
0.40
100K
20
2.52
100K
100K
100K
100K
18
24
24
23
2.52
2.52
2.52
2.52
100K
100K
100K
100K
23
23
20
18
2.52
2.52
2.52
2.52
16.0
14.0
18.0
17.0
1.45
1.85
1.27
1.12
22.0
20.0
18.0
28.0
0.66
0.75
0.85
0.46
100K
18
7.96
100K
100K
100K
100K
18
15
16
18
2.52
2.52
7.96
7.96
100K
100K
100K
24
18
23
7.96
7.96
7.96
42.0
0.16
34.0
33.0
35.0
40.0
0.25
0.28
0.20
0.18
50.0
45.0
68.0
0.12
0.15
0.11
0.800
0.650
0.340
0.300
0.360
0.380
0.350
0.320
0.400
0.450
0.520
0.480
0.420
0.580
0.650
0.500
0.550
0.750
1.300
1.100
0.800
0.750
0.900
1.000
0.900
0.850
1.050
1.200
1.300
1.200
1.400
1.500
1.350
1.600
Irms (A)
SR0302□□□□L□-□□□
(MHz)
20
100K
7.96
100K
100K
100K
100K
23
22
23
22
7.96
7.96
7.96
7.96
L
ref.
Q
Q
Test Freq.
0.06
125.0
85.0
75.0
95.0
100.0
0.08
0.09
0.07
0.07
(MHz)
typ.
SRF
( Ω )
max.
RDC
ABC'S DWG NO.
ABC'S ITEM NO.
2.100
2.700
1.800
1.650
1.900
2.000
2.000
1.850
2.300
2.500
max.
typ.
Isat (A)
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com