Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR03022R2ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SR03022R2ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR03022R2ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SR03022R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR03022R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Leadr
no component
200 m/m min.
Ⅶ﹒PACKAGING INFORMATION:
( 1 ) Configuration
SMD POWER INDUCTOR
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
AR-001A
SR0302
SR0302
Series
13 - 12
Style
End
REF : 20090505-B
NAME
PROD.
Components
400 m/m min.
12,000
User direction of feed
12
D
Q'TY (pcs)
16,000
G.W. (gw)
Inner : Reel
Q'TY (pcs)
1,500
2,000
450
600
Style
13 - 12
13 - 12
21±0.8
330
AB
13±0.5
C
Outer : Carton
G.W. (Kg)
1.9
2.5
Size (cm)
42 x 41 x 24
42 x 41 x 24
14
+0
G
-0
50
N
18.4
T
Unit:m/m
SR0302□□□□L□-□□□
D
100
4 m/m
P:8 m/m
100
100
100
C
∮
G
Start
100
100
Trailer
no component
Embossed carrier
Carrier tape width : D
※
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
2.0±0.5
T
Cover tape
PAGE: 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com