Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS06041R5ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS06041R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS06041R5ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS06041R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
@ Inductance VS. DC Superposition Characteristics
102
101
100
1R5
AE-001A
2
2
10
3
2
10 1
0
5
7
3
101
7
5
10
3
2
10
7
5
2
3
3
DC Current (mA)
2
710
57
5
3
23
2
3
10
4
710
5
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
Inductance
680.0±10%
470.0±10%
330.0±10%
220.0±10%
150.0±10%
100.0±10%
1000.0±10%
1). □:Packaging information… A:Bulk B:Taping Reel
POWER INDUCTOR
SS0604100ML□ -□□□
SS0604221KL□ -□□□
SS0604102KL□
SS0604681KL□
SS0604471KL□
SS0604331KL□
□
2)."-
":Reference code
□□
-□□□
-□□□
-□□□
-□□□
SS0604151KL□
SS0604101KL□
SS0604680KL□
SS0604470KL□
SS0604330KL□
SS0604220ML□
SS0604150ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
SS06046R8ML□
SS06044R7ML□
SS06043R3ML□
SS06042R5ML□
SS06041R5ML□
DWG No.
-□□□
-□□□
-□□□
-□□□
-□□□
SHIELDED SMD
1K
1.30
0.120
10.0±20%
0.250
0.190
0.360
0.520
1.000
1.700
4.800
3.300
2.100
0.650
6.100
0.130
1K
1K
1K
1K
1K
47.0±10%
68.0±10%
33.0±10%
22.0±20%
15.0±20%
1K
1K
1K
1K
1K
1K
1K
0.25
0.18
0.15
0.12
0.20
0.60
0.40
0.30
0.50
0.90
0.70
1.10
RDC
0.028
(Ω)
0.035
0.050
0.070
0.060
SS0604□□□□L□-□□□
1.5±20%
6.8±20%
4.7±20%
3.3±20%
2.5±20%
(uH)
1K
1K
1K
1K
1K
Test Freq.
(Hz)
ABC'S DWG NO.
ABC'S ITEM NO.
2.80
1.60
2.00
2.50
2.30
max
(A)
max
IDC
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com