Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS06041R5ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS06041R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS06041R5ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS06041R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS06041R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Components
200 m/m Min.
400 m/m Min.
G.W. (Kg)
Outer : Carton
AE-001A
Q'TY (pcs)
1,000
( 3 ) Q'TY & G.W. Per package
SS0604
Series
( 2 ) Dimensions
13 - 16
Style
330
A
Style
13 - 16
1,000
G.W. (gw)
Inner : Reel
Q'TY (pcs)
6,000
User direction of feed
13
C
21±0.8
B
16
D
Size (cm)
40 x 40 x 24
10.5
+0
18
G
-0
50
N
Unit:m/m
22.4
T
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
1 0 1
Carrier tape width : D
※
End
Leader
no component
P:12 m/m
4 m/m
1 0 1
1 0 1
1 0 1
G
C
∮
SHIELDED SMD
POWER INDUCTOR
2.0±0.5
Ⅵ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
NAME
PROD.
REF :
T
Start
no component
Teailer
Embossed carrier
D
PAGE: 3
Cover tape
SS0604□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com