Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS16081R0ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS16081R0ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS16081R0ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS16081R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10000.0
6800.0
5). Isat base on
L/L0A=10% typ.
△
3). Inductance Tested at 0.1V/100KHz
1). □:Packaging information… A:Bulk B:Taping Reel
AR-001A
□□
2)."-
":Reference code
SS1608682ML□
SS1608103ML□
□
-□□□
-□□□
102
101
100
3
@ Inductance VS. DC Current Curve
0.8
1
7
5
0
10
100
2
2
3
2
7
101
5
3
100K
100K
50
50
3
10
3
2
102
7
5
100K
100K
DC Current (mA)
10
7
52
1
5
3
2
710
5
3
2
3
710
0.020
0.040
25.000
32.800
0.012
0.010
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
1.0
±20%
Inductance
( µH )
6.8
2.2
3.3
4.7
1.5
33.0
10.0
22.0
15.0
150.0
100.0
68.0
47.0
680.0
470.0
330.0
4700.0
3300.0
2200.0
1500.0
1000.0
220.0
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
-□□□
SS1608221ML□
SS1608681ML□
SS1608331ML□
SS1608471ML□
SS1608472ML□
SS1608152ML□
SS1608332ML□
SS1608222ML□
SS1608102ML□ -□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SS1608330ML□
SS1608100ML□
SS1608150ML□
SS1608220ML□
SS1608151ML□
SS1608680ML□
SS1608101ML□
SS1608470ML□ -□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
DWG No.
SS16086R8ML□
SS16081R5ML□
SS16082R2ML□
SS16083R3ML□
SS16084R7ML□
SS16081R0ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SHIELDED SMD
NAME
PROD.
REF :
33
38
20
25
15
9
10
20
5
3
4
2
1
1
2
2
6
100K
100K
40
100K
100K
100K
100K
100K
100K
100K
100K
40
50
50
50
50
40
40
40
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
40
40
40
40
40
40
40
40
100K
100K
100K
100K
100K
100K
100K
200K
0.070
0.220
0.770
0.180
0.200
0.190
0.060
0.120
0.100
0.080
0.150
3.400
4.200
8.500
13.900
11.000
1.400
2.200
1.800
0.028
0.020
0.014
0.018
0.024
0.045
0.040
0.050
0.600
0.800
0.700
1.000
0.260
0.400
0.300
0.500
0.230
0.290
0.590
0.480
0.090
0.075
0.190
0.110
0.140
0.100
0.080
0.120
0.240
0.160
0.320
0.260
250
nom.
SRF
( MHz )
50
105
120
120
125
100K
L/0.1V
100K
100K
100K
100K
100K
Test Freq. ( Hz )
20
40
40
40
25
min.
10
Q
500K
200K
500K
200K
200K
500K
Q
ABC'S DWG NO.
ABC'S ITEM NO.
max.
3.000
1.200
1.800
1.600
1.400
2.800
0.045
0.050
0.065
0.060
0.055
RDC
( Ω )
0.040
max.
Irms
( A )
0.920
0.620
0.400
0.500
0.800
typ.
1.200
Isat
( A )
SS1608□□□□L□-□□□
PAGE: 2
4). Irms base on temp.rise 30
max.
℃
20080303-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com