Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS16081R0ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS16081R0ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS16081R0ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS16081R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS16081R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
User direction of feed
AR-001A
2500
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
SS1608
SS1608
Series
13-12
07-12
Style
( 2 ) Dimensions
G.W. (gw)
600
1050
250
Inner : Reel
Style
Q'TY (pcs)
13-12
07-12
20,000
24,000
21±0.8
21±0.8
330
178
AB
13±0.5
13
12
12
CD
40 x 40 x 24
42 x 41 x 24
Size (cm)
G.W. (Kg)
8.5
10.5
Outer : Carton
-0
-0
14
+0
14
+0
50
50
GN
18.4
16.5
Unit:m/m
T
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Components
C
∮
no component
200 m/m Min.
Leader
End
P:8 m/m
220
220
220
220
4 m/m
G
SHIELDED SMD
Ⅵ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
NAME
PROD.
REF :
2.0±0.5
T
POWER INDUCTOR
no component
400 m/m Min.
220
220
Trailer
Carrier tape width : D
※
Emobossed carrier
Start
D
PAGE: 3
Cover tape
SS1608□□□□L□-□□□
20080303-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com