Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2012240ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # ST2012240ML
Description  SMD TOROIDAL POWER FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST2012240ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  ST2012240ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
AR-001A
PROD.
NAME
REF :
PAGE: 2
ABC'S ITEM NO.
ABC'S DWG NO.
ST20122R8ML□-□□□
DWG No.
Inductance
( µH )
@10KHz, 0.1 Vrms
RDC(mΩ)
max.
8.4
5.6
typ.
6.4
4.3
1). □:Packaging information … A:Bulk B:Taping Reel
3). Irms base on Temp. rise 40
typ.
℃
4). Isat base on △L/L0A=30% typ.
ST20127R0ML□-□□□
Irms(A)
Isat(A)
5). Test equipment : Inductance (WK-3260B)
RDC (CH-502-AC)
2.8 ± 20%
7.0 ± 20%
9.0
5.8
10.0
7.5
typ.
ST2012100ML□-□□□
10.0 ± 20%
9.5
12.0
ST2012180ML□-□□□
ST2012240ML□-□□□
18.0 ± 20%
24.0 ± 20%
6.0
3.6
15.3
20.0
21.6
30.0
5.0
3.2
73.0 ± 20%
120.0 ± 20%
2.8
1.8
54.0
70.0
94.0
125.0
2.2
1.5
ST2012730ML□-□□□
ST2012121ML□-□□□
5.5
7.0
0
10
10
-1
1
10
2
10
7R0
10
10
0
180
1
10
2
2R8
@ Inductance VS. DC Superposition Characteristics
730
240
DC Current ( A )
100
121
10
3
SMD TOROIDAL POWER FILTER
typ.
ST2012□□□□L□-□□□
2). "-
":Reference code
□□□



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com