Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2012240ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # ST2012240ML
Description  SMD TOROIDAL POWER FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST2012240ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  ST2012240ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Polyphenylene sulfide (PPS), glass reintorced, designated "RYTON", furnished as pellets.
Polyphenylene sulfide (PPS), glass reintorced, mineral reinforced, designated "RYTON", furnished as pellets.
CHEVRON PHILLIPS CHENICAL CO L P
Component-Plastics
NC,BK,TN
NC
Col
AR-001A
R-4-230NA
R-7
QMFZ2
Mti Dsg
A
H
V-0
1.5
220
220
220
1
Underwriters Laboratories Inc.
220
220
6.0
3.0
V-0
V-0
220
220
220
220
R
1
Sunday,August 23, 1998
Wednesday,January 22, 2003
200
220
220
220
220
200
130
Elec
V-0, 5VA
V-0, 5VA
0.71
1.5
3.0
1.8
6.0
0.71
0.38
V-0
V-0
5VA
V-0
V-0
Flame
UL94
mm
Thk
Min
Class
200
200
200
200
200
200
130
200
1
130
220
220
220
220
200
0
0
0
4
Mech
Imp
RTI
Str
H
W
I
0
05
3
0
0
0
3
3
5
5
00
3
5
0
0
0
1
4
4
4
4
4
4
4
4
4
4
4
4
5
5
5
5
5
5
C
E54700
I
T
V
R
H
T
I
4
9
5
D
SMD TOROIDAL POWER FILTER
SPECIFICATION FOR APPROVAL
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 8
ST2012□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com