Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW20222R2K2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW20222R2K2
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW20222R2K2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW20222R2K2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
□□
□
2). "-
":Reference code
AR-001A
1). □:Packaging Information… A:Bulk B:Taping Reel
10.00±10%
6.80±10%
8.20±10%
5.60±10%
4.70±10%
2.70±10%
3.90±10%
3.30±10%
2.20±10%
1.50±10%
1.80±10%
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
1.20±10%
1.00±10%
0.82±10%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
Inductance
0.47±10%
0.56±10%
0.68±10%
SW20224R7K2□-□□□
SW20228R2K2□-□□□
SW2022100K2□-□□□
SW20226R8K2□-□□□
SW20225R6K2□-□□□
SW20222R2K2□-□□□
SW20222R7K2□-□□□
SW20223R9K2□-□□□
SW20223R3K2□-□□□
SW20221R5K2□-□□□
SW20221R8K2□-□□□
SW20221R2K2□-□□□
SW20221R0K2□-□□□
SW2022R68K2□-□□□
SW2022R82K2□-□□□
SW2022R56K2□-□□□
SW2022R47K2□-□□□
DWG No.
( uH )
NAME
PROD.
REF :
7.96
7.96
7.96
7.96
2.52
15
15
15
15
15
7.96
2.52
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
15
15
15
15
15
15
15
7.96
7.96
7.96
7.96
7.96
7.96
7.96
3.50
40
40
5.00
45
45
50
3.20
2.80
3.00
120
80
180
130
160
3.10
110
70
60
100
2.30
2.50
3.50
200
120
200
2.90
3.00
2.38
110
100
200
210
130
120
150
25.2
25.2
L
Test Freq. ( MHz )
25.2
25.2
25.2
45
35
35
35
45
Q
min
100
100
100
50
100
Q
ABC'S DWG NO.
ABC'S ITEM NO.
RDC
340
1.10
215
200
188
1.50
2.13
1.20
min
375
SRF
( MHz )
max
0.95
( Ω )
450
300
180
400
IDC
( mA )
max
500
SW2022□□□□2□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com