Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW20222R2K2 Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SW20222R2K2
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW20222R2K2 Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SW20222R2K2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW20222R2K2 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
200 m/m min.
no component
Style
07 - 08
( 2 ) Dimensions
SW2022
Ⅶ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
( 3 ) Q'TY & G.W. Per package
Series
AR-001A
End
PROD.
NAME
REF :
Unit:m/m
12.5
User Direction of feed
G.W. (gw)
Inner : Reel
2,000
Q'TY (pcs)
90
07 - 08
Style
21±0.8
178
AB
13
C
Outer : Carton
100,000
Q'TY (pcs)
6.50
G.W. (Kg)
41 x 39 x 22
Size (cm)
8
D
10
+0
G
50
-0
NT
Trailer
no component
400 m/m min.
SW2022□□□□2□-□□□
Cover Tape
4 m/m
Components
G
P:4 m/m
Leader
C
ψ
Carrier Tape Width : D
※
Embossed Carrier
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
T
2.0±0.5
WOUND CHIP INDUCTOR
Start
D
PAGE: 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com