Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW202233NJL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW202233NJL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW202233NJL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW202233NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
400
0.25
1600
500
56.0± 5%
220.0± 5%
180.0± 5%
150.0± 5%
120.0± 5%
100.0± 5%
82.0± 5%
68.0± 5%
100
50
60
60
100
100
150
500
500
500
1.00
860
0.78
0.56
0.48
0.43
0.32
0.27
900
950
1100
1200
1350
1450
400
47.0± 5%
39.0± 5%
33.0± 5%
27.0± 5%
22.0± 5%
18.0± 5%
10.0± 5%
12.0± 5%
15.0± 5%
8.2± 5%
4.7±0.3
2.2±0.3
( nH )
Inductance
DWG No.
SW20222N2DL□-□□□
60
200
Test Freq. ( MHz )
min.
50
Q
1000
1000
250
L
1000
Q
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
500
0.10
3600
0.15
0.18
0.15
0.12
2600
1700
2100
2400
3300
3400
400
500
0.08
0.06
0.06
0.06
max.
( Ω )
RDC
5800
4100
4800
5500
6000
( MHz )
min.
SRF
600
500
500
500
800
max.
( mA )
60
60
60
60
60
50
50
50
150
150
200
200
250
250
250
250
250
250
250
250
250
250
250
500
500
500
500
500
500
500
500
500
250
250
250
0.08
0.08
0.08
500
500
500
600
600
600
600
600
600
600
SW20224N7DL□-□□□
SW20228N2JL□-□□□
SW202210NJL□-□□□
SW202212NJL□-□□□
SW202215NJL□-□□□
SW202218NJL□-□□□
SW202222NJL□-□□□
SW202227NJL□-□□□
SW202233NJL□-□□□
SW202239NJL□-□□□
SW202247NJL□-□□□
SW202256NJL□-□□□
SW202268NJL□-□□□
SW202282NJL□-□□□
SW2022R10JL□-□□□
SW2022R12JL□-□□□
SW2022R15JL□-□□□
SW2022R18JL□-□□□
SW2022R22JL□-□□□
SW2022R27JL□-□□□
SW2022R33JL□-□□□
SW2022R39JL□-□□□
100
100
270.0± 5%
330.0± 5%
45
45
250
250
800
850
1.65
1.46
300
350
390.0± 5%
100
45
250
780
2.20
210
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF : 20080711-A
PAGE: 2
SW20223N9DL□-□□□
3.9±0.3
6000
60
250
1000
600
0.06
6.8± 5%
SW20226N8JL□-□□□
SW20225N6JL□-□□□
5.6± 5%
0.06
600
1000
250
60
5500
5800
60
250
1000
600
0.08
SW2022□□□□L□-□□□
PROD.
NAME
WOUND CHIP INDUCTOR
2.7±0.3
SW20222N7DL□-□□□
250
35
1000
6000
0.08
800
60
60
60
60
60
60
60
1). □:Packaging Information… A:Bulk
B:Taping Reel
SW20223N3DL□-□□□
3.3±0.3
6000
60
250
1000
0.08
800
2)."-
":Reference code
□ □
□
SW20225N1JL□-□□□
5.1± 5%
5800
60
250
1000
600
0.08
IDC
AR-001A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com