Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW202233NJL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SW202233NJL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW202233NJL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SW202233NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW202233NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
appearance.
Humidity test
Temp.:50±2℃
3.Load:Allowed DC current
4. Load:Allowed DC current
3.Time:1000±12 hours
2.Time:1000±12 hours
2.R.H.:90-95%
1.Temp:40±2℃
1.Temp:85±2℃
Temp.:-40±2℃
Total:10 cycles
Time.:48±2 hours
Temp.:125±2℃
Time.:48±2 hours
-40
for 30 minutes.
℃
+125
for 30 minutes.
℃
Time.:96±2 hours
R.H.:90~95 %
Humidity load life
Note: Inductors are to be tested after 1 hour at room temperature.
High temperature
High tempera - ture
load life
storage
test
Low temperature
Thermal shock test
storage
Inductors shall not have a
shorted or open winding.
2.Inductance shall not change
3.Q shall not change
more than±10%
more than ±5%
-40
~125
℃℃
of the termination to board
The device shall be reflow soldered
(230±5
for 10 seconds) to a tinned
℃
force gauge shall be applied to
copper substrate. A dynometer
the side of the component . The
device must withstand the minimum
force indicated at left without a failure
SPECIFICATION FOR APPROVAL
attachment.
ABC'S ITEM NO.
ABC'S DWG NO.
PROD.
WOUND CHIP INDUCTOR
characteristic
Temperature
Component
(Push test)
adhesion
NAME
1.There shall be no case
deformation or change in
20N:2012,2520,3225
5N:1005
10N:1608
REF : 20080711-A
SW2022□□□□L□-□□□
PAGE: 7
AR-001A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com