Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82131 Datasheet(PDF) 3 Page - EPCOS

Part # B82131
Description  Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131 Datasheet(HTML) 3 Page - EPCOS

  B82131 Datasheet HTML 1Page - EPCOS B82131 Datasheet HTML 2Page - EPCOS B82131 Datasheet HTML 3Page - EPCOS B82131 Datasheet HTML 4Page - EPCOS B82131 Datasheet HTML 5Page - EPCOS B82131 Datasheet HTML 6Page - EPCOS B82131 Datasheet HTML 7Page - EPCOS B82131 Datasheet HTML 8Page - EPCOS B82131 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing
Dimensions in mm
Reel packing
Dimensions in mm
Lead spacing
e min (mm)
Type
17.5
22.5
27.5
32.5
B82131
B82132
B82133
B82134
IND0144-Z-E
1
_
73
l max.
k max.
9±0.5
*) Tolerance over 10 spacings ±2 mm
IND0145-U
e min.
IND0451-4-E
95+1
107 max.
30
30
Label
B82131 … B82134
VHF chokes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com