Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82131 Datasheet(PDF) 4 Page - EPCOS

Part # B82131
Description  Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131 Datasheet(HTML) 4 Page - EPCOS

  B82131 Datasheet HTML 1Page - EPCOS B82131 Datasheet HTML 2Page - EPCOS B82131 Datasheet HTML 3Page - EPCOS B82131 Datasheet HTML 4Page - EPCOS B82131 Datasheet HTML 5Page - EPCOS B82131 Datasheet HTML 6Page - EPCOS B82131 Datasheet HTML 7Page - EPCOS B82131 Datasheet HTML 8Page - EPCOS B82131 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Mounting information
When bending the leads, take care that the bending point is at least 3 mm apart from the face ends
of the core and that the start-of-winding areas are not subjected to any mechanical stress.
Test voltage Vtest
2500 V AC, 1 min
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring frequency:
LR ≤ 10 µH=
1 MHz
10
µH < L
R ≤ 1000 µH = 100 kHz
Measuring voltage:
1 V
Measuring temperature: 20 °C
Inductance tolerance
±20%
Rated temperature TR
60 °C
Rated current IR
Maximum permissible DC current at rated temperature
DC resistance Rtyp
Measured at 20
°C, tolerance ±20%, typical values
Resonance frequency fres
Measured with Agilent 4294A or 8753ES, 20 °C,
tolerance
±30%
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
(260
±5) °C, 10 s
(to IEC 60068-2-20, test Tb)
Tensile strength of leads
≥ 30 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +125 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
B82131 … B82134
VHF chokes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com