Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24C02A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE24C02A
Description  Two-wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C02A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24C02A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 
                                                                                                             
ACE24C02A
                        Technology
Two-wire Serial EEPROM
VER 1.2
3
Ordering Information
Selection Guide
ACE24C02A XX +
X
H
Pin Description
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Write Protect (WP):
The ACE24C02A has a Write Protect pin that provides hardware data protection. The Write Protect pin allows
normal read/write operations when connected to ground (GND). When the Write Protect pin is conceded to Vcc
the write protection feature is enabled.
Write Protect Description
WP Pin Status
Part of the Array Protected
WP=VCC
Full (2K) Array
WP=GND
Normal Read / Write Operations
Memory Organization
ACE24C02A, 2K SERIAL EEPROM:
Internally organized with 32 pages of 8 bytes each, the 2K requires an 8-bit data word address
for random word addressing.
Pb - free
U : Tube
T : Tape and Reel
DP : PDIP-8
FM : SOP-8
TM : TSSOP-8
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com