Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24C02A Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE24C02A
Description  Two-wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C02A Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24C02A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C02A Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 
                                                                                                             
ACE24C02A
                        Technology
Two-wire Serial EEPROM
VER 1.2
7
Figure 4.Data Validity
Figure 5.Start and Stop Definition
Figure 6.Output Acknowledge
Device Addressing
The 2K EEPROM devices all require an 8-bit device address word following a start condition to enable
the chip for a read or write operation (refer to Figure 7).
The device address word consists of a mandatory one, zero sequence for the first four most
significant bits as shown. This is common to all the EEPROM devices. The next 3 bits can be any
data.
The module package device address word also consist of a mandatory one, zero sequence for the
first four most significant bits. The next 3 bits are all zero.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the
chip will return to a standby state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com